Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 53 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 49Page - Texas Instruments AM263P4 Datasheet HTML 50Page - Texas Instruments AM263P4 Datasheet HTML 51Page - Texas Instruments AM263P4 Datasheet HTML 52Page - Texas Instruments AM263P4 Datasheet HTML 53Page - Texas Instruments AM263P4 Datasheet HTML 54Page - Texas Instruments AM263P4 Datasheet HTML 55Page - Texas Instruments AM263P4 Datasheet HTML 56Page - Texas Instruments AM263P4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 154 page
background image
5.3.9 EQEP
Table 5-53. EQEP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
EQEP0_A
I
EQEP Quadrature Input A
B14, U18
B14
EQEP0_B
I
EQEP Quadrature Input B
A14, T18
A14
EQEP0_INDEX
IO
EQEP Index
D11, N18
D11, N18
EQEP0_STROBE
IO
EQEP Strobe
C12, M18
C12, M18
Table 5-54. EQEP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
EQEP1_A
I
EQEP Quadrature Input A
D15, P16
D15, P16
EQEP1_B
I
EQEP Quadrature Input B
C15, P17
C15
Table 5-55. EQEP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
EQEP2_A (1)
I
EQEP Quadrature Input A
B13, R17
B13, R17
EQEP2_B (2)
ID
EQEP Quadrature Input B
A13, R18
A13
(1)
EQEP2_A is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
EQEP2_B is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
5.3.10 FSI
Table 5-56. FSIRX0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
FSIRX0_CLK
I
FSI Clock
A10, T17
A10
FSIRX0_DATA0
I
FSI Data 0
B10, U18
B10
FSIRX0_DATA1
I
FSI Data 1
D9, T18
D9
Table 5-57. FSIRX1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
FSIRX1_CLK
I
FSI Clock
E1, P17
E1
FSIRX1_DATA0
I
FSI Data 0
F3, P18
F3
FSIRX1_DATA1
I
FSI Data 1
F4, N17
F4
Table 5-58. FSIRX2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
FSIRX2_CLK
I
FSI Clock
G16, J2
G16, J2
FSIRX2_DATA0
I
FSI Data 0
E17, G4
E17, G4
FSIRX2_DATA1
I
FSI Data 1
E18, J3, R3
E18, J3, R3
Table 5-59. FSIRX3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
FSIRX3_CLK
I
FSI Clock
B17
B17
FSIRX3_DATA0
I
FSI Data 0
D16
D16
FSIRX3_DATA1
I
FSI Data 1
C17
C17
Table 5-60. FSITX0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
FSITX0_CLK
O
FSI Clock
A11, R17
A11, R17
FSITX0_DATA0
O
FSI Data 0
C10, R18
C10
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com