Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 88 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 84Page - Texas Instruments AM263P4 Datasheet HTML 85Page - Texas Instruments AM263P4 Datasheet HTML 86Page - Texas Instruments AM263P4 Datasheet HTML 87Page - Texas Instruments AM263P4 Datasheet HTML 88Page - Texas Instruments AM263P4 Datasheet HTML 89Page - Texas Instruments AM263P4 Datasheet HTML 90Page - Texas Instruments AM263P4 Datasheet HTML 91Page - Texas Instruments AM263P4 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 154 page
background image
PORz
RST4
WARMRSTn
RST5
RST6
Figure 6-5. WARMRSTn Switching Characteristics
6.11.3.2.3 WARMRSTn Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RST10
tw(WARMRSTnL) (1)
Pulse Width minimum, WARMRSTn
active (low)
500
16384000
ns
(1)
This timing parameter is controlled by the TOP_RCM.WARM_RSTTIME1/2/3 registers. See the Reset section of the Technical
Reference Manual for more details.
WARMRSTn
RST10
Figure 6-6. WARMRSTn Timing Requirements and Switching Characteristics
6.11.3.3 Safety Signal Timing
Tables and figures provided in this section define switching characteristics for SAFETY_ERRORn.
6.11.3.3.1 SAFETY_ERRORn Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SFTY1
tc(SAFETY_ERRORn)
Cycle time minimum, SAFETY_ERRORn
(PWM mode enabled)
(P(1) × H(3)) + (P(1) ×
L)(4)
ns
SFTY2
tw(SAFETY_ERRORn)
Pulse width minimum, SAFETY_ERRORn
active (PWM mode disabled)(5)
P(1) × R(2)
ns
SFTY3
td(ERROR_CONDITIO
N-SAFETY_ERRORnL)
Delay time, ERROR_CONDITION to
SAFETY_ERRORn active(5)
50 × P(1)
ns
(1)
P = ESM functional clock
(2)
R = Error Pin Counter Pre-Load Register count value
(3)
H = Error Pin PWM High Pre-Load Register count value
(4)
L = Error Pin PWM Low Pre-Load Register count value
(5)
When PWM mode is enabled, SAFETY_ERRORn stops toggling after RST22 and will maintain its value (either high or low) until the
error is cleared. When PWM mode is disabled, SAFETY_ERRORn is active low
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
88
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com