Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 3Page - Texas Instruments AM263P4 Datasheet HTML 4Page - Texas Instruments AM263P4 Datasheet HTML 5Page - Texas Instruments AM263P4 Datasheet HTML 6Page - Texas Instruments AM263P4 Datasheet HTML 7Page - Texas Instruments AM263P4 Datasheet HTML 8Page - Texas Instruments AM263P4 Datasheet HTML 9Page - Texas Instruments AM263P4 Datasheet HTML 10Page - Texas Instruments AM263P4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 154 page
background image
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Table 4-1. Device Comparison
FEATURES
REFERENCE
NAME
AM263P4
AM263P2
AM263P1
JTAG DEVICE ID COMPARISON (FEATURES)
JTAG Device ID(1)
Industrial:
TBD
TBD
TBD
Extended
Automotive:
TBD
TBD
TBD
PROCESSORS AND ACCELERATORS
Speed Grade
See Section 6.6, Operating Performance Points
Arm® Cortex-R5F
R5FSS
4
2
1
Trigonometric Math Unit
TMU
Yes
Hardware Security Module
HSM
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM)
OCSRAM
See Section 6.6, Operating Performance Points
R5F Tightly Coupled Memory (TCM)
TCM
Up to 512KB(11)
PERIPHERALS
Modular Controller Area Network Interface
MCAN
8
Full CAN-FD Support
MCAN
8
General-Purpose I/O
GPIO
Up to 140
Serial Peripheral Interface
SPI
8
Universal Asynchronous Receiver and Transmitter
UART
6
Local Interconnect Network
LIN
5
Inter-Integrated Circuit Interface
I2C
4
Analog-to-Digital Converter
ADC
3(3) or 5(4)
3(3) or 5(4)
3
Resolver (ADC12B3M)(5)
RDC
0(9) or 2(10)
0(9) or 2(10)
0
ADC
0(9) or 2(10)
0(9) or 2(10)
0
Comparator Modules
CMPSS
12(3) or 20(4)
12(3) or 20(4)
12
Digital-to-Analog Converter
DAC
1
Programmable Real-Time Unit Subsystem(6)
PRU-ICSS
0 or 1
Industrial Communication Subsystem Support(7)
PRU-ICSS
Optional
Gigabit Ethernet Interface
CPSW
Yes (2(9) or 1(10))
Multi-Media Card/Secure Digital Interface
MMCSD
1
Enhanced High-Resolution Pulse-Width Modulator Module
EHRPWM
16(2) or 32(4)
16(3) or 32(4)
16
Enhanced Capture Module
ECAP
8(3) or 16(4)
8(3) or 16(4)
8
Enhanced Quadrature Encoder Pulse Module
EQEP
2(3) or 3(4)
2(3) or 3(4)
2
Sigma Delta Filter Module
SDFM
1(3) or 2(4)
1(3) or 2(4)
1
Fast Serial Interface
FSI
4x FSI_RX + 4x FSI_TX
Octal SPI Flash Interface
OSPI
1
Miscellaneous
Junction Temperature
Industrial: –40°C to 105°C
Extended Automotive: –40°C to 150°C
Automotive Qualification
AEC-Q100(8) Option
(1)
"X:" letter refers to feature parameter and (Grade "X") refers to Grade in the Section 6.6, Operating Performance Points table.
(2)
For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device TRM.
(3)
Standard Analog configuration contains 3x ADC, 16x EHRPWM, 8x eCAP, 2x EQEP, 1x SDFM, 12x CMPSS
(4)
Enhanced Analog configuration contains 5x ADC, 32x EHRPWM, 16x eCAP, 3x EQEP, 2x SDFM, 20x CMPSS
(5)
The 2x ADC12B3M modules can be used as either RDCs or ADCs
(6)
Programmable Real-Time Unit Subsystem is available when selecting an orderable part number that includes a feature code of D, E, F,
K, L, M, or N. Refer to the Nomenclature Description table for definition of feature codes.
(7)
Industrial Communication Subsystem Support is available when selecting an orderable part number that includes a feature code of D,
E, F, K, L, M, or N. Refer to the Nomenclature Description table for definition of feature codes.
(8)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Nomenclature Description table.
(9)
Applies to devices in the ZCZ-C Package only and have a Special Features code of C. Refer to the Nomenclature Description table for
definition of Special Features codes.
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com