Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 27Page - Power Integrations, Inc. TOP245P Datasheet HTML 28Page - Power Integrations, Inc. TOP245P Datasheet HTML 29Page - Power Integrations, Inc. TOP245P Datasheet HTML 30Page - Power Integrations, Inc. TOP245P Datasheet HTML 31Page - Power Integrations, Inc. TOP245P Datasheet HTML 32Page - Power Integrations, Inc. TOP245P Datasheet HTML 33Page - Power Integrations, Inc. TOP245P Datasheet HTML 34Page - Power Integrations, Inc. TOP245P Datasheet HTML 35Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 32 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
12 Conducted EMI
EMI was tested at room temperature, at 115 VAC & 230 VAC input, with a resistor load
on each output as follows; 3.3V / 1.6 ohms; 5V / 7 ohms; 12V / 31 ohms; -5V / 240 ohms;
-22V / 11K ohms; 33V / 16K ohms; VFD / 20 ohms. All plots are shown with output
common connected to the ground of the LISN, to show worst case results.
12.1 EMI@230V
Figure 36 - Conducted EMI, Maximum Steady State Load, LINE: 230 VAC, 60 Hz, and EN55022 B Limits,
with output grounded to LISTN
Figure 37 - Conducted EMI, Maximum Steady State Load, NEUTRAL 230 VAC, 60 Hz, and EN55022 B
Limits, with output grounded to LISTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com