Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 17 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
AWG
29 AWG
Primary Wire Gauge (Rounded to next
smaller standard AWG value)
CM
128 Cmils
Bare conductor effective area in circular
mils
CMA
221 Cmils/
Amp
Primary Winding Current Capacity (200
< CMA < 500)
TRANSFORMER SECONDARY
DESIGN PARAMETERS (SINGLE
OUTPUT / SINGLE OUTPUT
EQUIVALENT)
Lumped parameters
ISP
18.13 Amps
Peak Secondary Current
ISRMS
8.60 Amps
Secondary RMS Current
IO
5.00 Amps
Power Supply Output Current
IRIPPLE
7.00 Amps
Output Capacitor RMS Ripple Current
CMS
1721 Cmils
Secondary Bare Conductor minimum
circular mils
AWGS
17 AWG
Secondary Wire Gauge (Rounded up to
next larger standard AWG value)
DIAS
1.15 mm
Secondary Minimum Bare Conductor
Diameter
ODS
3.17 mm
Secondary Maximum Outside Diameter
for Triple Insulated Wire
INSS
1.01 mm
Maximum Secondary Insulation Wall
Thickness
VOLTAGE STRESS
PARAMETERS
VDRAIN
632 Volts
Maximum Drain Voltage Estimate
(Includes Effect of Leakage Inductance)
PIVS
26 Volts
Output Rectifier Maximum Peak Inverse
Voltage
PIVB
75 Volts
Bias Rectifier Maximum Peak Inverse
Voltage
TRANSFORMER SECONDARY
DESIGN PARAMETERS
(MULTIPLE OUTPUTS)
1st output
VO1
3.4
Volts
Output Voltage
IO1
2.550
Amps
Output DC Current
PO1
8.67 Watts
Output Power
VD1
0.5
Volts
Output Diode Forward Voltage Drop
NS1
2.13
Output Winding Number of Turns
ISRMS1
4.388 Amps
Output Winding RMS Current
IRIPPLE1
3.57 Amps
Output Capacitor RMS Ripple Current
PIVS1
18 Volts
Output Rectifier Maximum Peak Inverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com