Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 11 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Transformer Specification
6.1
Electrical Diagram
Figure 6 –Transformer Electrical Diagram
5
7
6
nc
1
16
15
1
WDG1
16T 30 AWG X2
WDG2
56T 29 AWG
WDG3
8T 30 AWG X4
WDG8
11T 33 AWG
14
WDG7
4T 26 AWG
12
WDG6
1T CU FOIL
WDG5
2T CU FOIL
13
11
WDG9
3T 26 AWG
10
WDG10
9T 33 AWG
8
9
WDG11
2T 33 AWG
nc
13
WDG4
9T 29 AWG X4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com