Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 18 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Voltage
CMS1
878 Cmils
Output Winding Bare Conductor
minimum circular mils
AWGS1
20 AWG
Wire Gauge (Rounded up to next larger
standard AWG value)
DIAS1
0.81 mm
Minimum Bare Conductor Diameter
ODS1
4.47 mm
Maximum Outside Diameter for Triple
Insulated Wire
2nd output
VO2
12.2
Volts
Output Voltage
IO2
0.850
Amps
Output DC Current
PO2
10.37 Watts
Output Power
VD2
1.2
Volts
Output Diode Forward Voltage Drop
NS2
7.31
Output Winding Number of Turns
ISRMS2
1.463 Amps
Output Winding RMS Current
IRIPPLE2
1.19 Amps
Output Capacitor RMS Ripple Current
PIVS2
64 Volts
Output Rectifier Maximum Peak Inverse
Voltage
CMS2
293 Cmils
Output Winding Bare Conductor
minimum circular mils
AWGS2
25 AWG
Wire Gauge (Rounded up to next larger
standard AWG value)
DIAS2
0.46 mm
Minimum Bare Conductor Diameter
ODS2
1.30 mm
Maximum Outside Diameter for Triple
Insulated Wire
3rd output
VO3
33.0
Volts
Output Voltage
IO3
0.002
Amps
Output DC Current
PO3
0.07 Watts
Output Power
VD3
1.0
Volts
Output Diode Forward Voltage Drop
NS3
18.55
Output Winding Number of Turns
ISRMS3
0.003 Amps
Output Winding RMS Current
IRIPPLE3
0.00 Amps
Output Capacitor RMS Ripple Current
PIVS3
164 Volts
Output Rectifier Maximum Peak Inverse
Voltage
CMS3
1 Cmils
Output Winding Bare Conductor
minimum circular mils
AWGS3
51 AWG
Wire Gauge (Rounded up to next larger
standard AWG value)
DIAS3
0.02 mm
Minimum Bare Conductor Diameter
ODS3
0.51 mm
Maximum Outside Diameter for Triple
Insulated Wire
Total power
19.10
6
Watts
!!!!!!!!!! Warning: total output power not
equal to PO (PO= 25 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com