Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. TOP245P Datasheet HTML 23Page - Power Integrations, Inc. TOP245P Datasheet HTML 24Page - Power Integrations, Inc. TOP245P Datasheet HTML 25Page - Power Integrations, Inc. TOP245P Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 22 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Continuation (230V)
Vout
Iout
Vout
(measured)
Iout
Vout
(measured)
3.3Vs
b
2A
3.25 V
2A
3.25
5Vsw/
0.4A
5.27
0.4A
5.27
5Vsb/
0.4A
5.28
0.4A
5.28
12Vsw
0.3A
12.36
0.3A
12.44
12Vsb
0.4Apk
12.37
0.1A
12.45
-5Vsw
0.08A
-5.18
0.12Apk
-4.99
-5Vsb
240
Ω
-5.18
240
Ω
-4.99
-
22Vsb
11K
Ω
-22.78
11K
Ω
-22.53
+33Vs
b
16K
Ω
33.04
16K
Ω
32.86
3.3V
VFD
20
Ω
3.25
20
Ω
3.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com