Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 13 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6.4
Transformer Build Diagram
Figure 7 – Transformer Build Diagram.
6.4.1 WDG5/6 Copper Foil build diagram:
Figure 8 – Copper Foil Build Diagram.
3T Cu FOIL
13
5
1
7
WDG1
WDG2
WDG4
WDG3
16T 30 AWG X2
1
6
56T 29 AWG
8T 30 AWG X4
9T 29 AWG X3
CORE
CORE
6mm margin tape
1 tape
1 tape
4 tape
2 tape
1 tape
2 tape
13
12
14
15
14
16
WDG5/6
WDG7
4T 26 AWG
11T 33 AWG
WDG8
15
13
11
11
10
8
9
WDG11
WDG10
WDG9
3T 26 AWG
9T 33 AWG
2T 33 AWG
2 tape
1-layer tape folded
Cu Foil 1mil; 9.5mm W x 190mm
26 AWG X2
65mm
125mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com