Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 12 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6.2
Electrical Specifications
Electrical Strength
1 second, 60 Hz, from Pins 1-7 to Pins 8-16
3000 VAC
Primary Inductance
Pins 1-5, all other windings open, measured at
100 kHz, 0.4 VRMS
550
µH, +10%
Resonant Frequency
Pins 1-5, all other windings open
750 kHz (Min.)
Primary Leakage Inductance
Pins 1-5, with Pins 8-16 shorted, measured at
100 kHz, 0.4 VRMS
40
µH (Max.)
6.3
Materials
Item
Description
[1]
Core: EER28L
[2]
Bobbin: BEER28L, VERTICAL 16-PINS
[3]
Magnet Wire: 30 AWG
[4]
Magnet Wire: 29 AWG
[5]
Magnet Wire: 33 AWG
[6]
Magnet Wire: 26 AWG
[7]
Tape: Margin 6 mm
[8]
Tape, Tape: 3M 1298 Polyester Film, 10.5mm wide
[9]
Tape, Tape: 3M 1298 Polyester Film, 22mm wide
[10]
Tape, Tape: 3M 1298 Polyester Film, 14mm wide
[11]
Copper Foil: 1mil x 9.5mm wide x 190 mm long
[12]
Varnish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com