Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. TOP245P Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 19 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Performance Data
All measurements performed at room temperature, 60 Hz input frequency, unless
otherwise specified.
8.1
Efficiency
Load Condition: 3.3Vsb/2A; 5Vsw/0.4A; 5Vsb/0.4A; 12Vsw/0.3A, 12Vsb/0.1A; -
5Vsw/01.A; -5Vsb/240 ohms, -22Vsb/11K; +33Vsb/16Kohms; 3.3V VFD/20 ohms
Efficiency (Nominal Load)
50.00
55.00
60.00
65.00
70.00
75.00
80.00
90
120
150
180
210
240
270
Input (VAC)
Efficiency (Nominal Load)
Figure 9- Efficiency vs. Input Voltage, Room Temperature, 60 Hz. Efficiency at 115Vac and 230Vac are
76.3% and 76.5% respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com