Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. TOP245P Datasheet HTML 23Page - Power Integrations, Inc. TOP245P Datasheet HTML 24Page - Power Integrations, Inc. TOP245P Datasheet HTML 25Page - Power Integrations, Inc. TOP245P Datasheet HTML 26Page - Power Integrations, Inc. TOP245P Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 23 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Thermal Performance
Open chassis measurement. The temperature stabilized after 1 hour of continuous
nominal load operation without airflow.
Load Condition: 3.3Vsb/2A; 5Vsw/0.4A; 5Vsb/0.4A; 12Vsw/0.3A, 12Vsb/0.1A;
-5Vsw/0.08A; -5Vsb/240 ohms, -22Vsb/11K; +33Vsb/16Kohms; 3.3V VFD/20 ohms
Temperature (
°C)
Item
90VAC
265 VAC
Ambient
25
25
TOP245P (U1)
61
68
Transformer (T1)
43
41
3V Rectifier (D13)
71
70
5V Rectifier (D12)
58
59
12V Rectifier (D8)
54
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com