Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. TOP245P Datasheet HTML 23Page - Power Integrations, Inc. TOP245P Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 20 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8.2
Cross Regulation
8.2.1 Nominal load
Load Condition: 3.3Vsb/2A; 5Vsw/0.4A; 5Vsb/0.4A; 12Vsw/0.3A, 12Vsb/0.1A;
-5Vsw/0.08A; -5Vsb/240 ohms, -22Vsb/11K; +33Vsb/16Kohms; 3.3V VFD/20 ohms
Vout (VDC)
Load (A)
@115V
@230V
3.3Vsb
2A
3.25 V
3.25
5Vsw/
0.4A
5.27
5.27
5Vsb/
0.4A
5.28
5.28
12Vsw
0.3A
12.50
12.46
12Vsb
0.1A
12.51
12.47
-5Vsw
0.08A
-5.08
-5.15
-5Vsb
240 ohms
-5.17
-5.15
-22Vsb
11K
-22.81
-22.71
+33Vsb
16Kohms
33.07
32.94
3.3V VFD
20 ohms
3.24
3.24
Figure 9 –Nominal load at Room Temperature.
8.2.2 Peak Load (One output at a time)
At 115V
Vout
Iout
Vout
(measured)
Iout
Vout
(measured)
Iout
Vout
(measured)
Iout
Vout
(measured)
3.3Vs
b
2.51Apk
3.15 V
2A
3.27 V
2A
3.23 V
2A
3.21 V
5Vsw/
0.4A
5.27
1.2Apk
5.22
0.4A
5.27
0.4A
5.27
5Vsb/
0.4A
5.28
0.4A
5.28
0.55Apk
5.28
0.4A
5.28
12Vsw
0.3A
12.5
0.3A
12.71
0.3A
12.52
1.2Apk
12.2
12Vsb
0.1A
12.51
0.1A
12.72
0.1A
12.53
0.1A
12.26
-5Vsw
0.08A
-5.22
0.08A
-5.37
0.08A
-5.21
0.08A
-5.41
-5Vsb
240
Ω
-5.22
240
Ω
-5.37
240
Ω
-5.21
240
Ω
-5.41
-
22Vsb
11K
Ω
-22.92
11K
Ω
-23.5
11K
Ω
-22.89
11K
Ω
-23.58
+33Vs
b
16K
Ω
33.26
16K
Ω
34.05
16K
Ω
33.23
16K
Ω
34.05
3.3V
VFD
20
Ω
3.25
20
Ω
3.31
20
Ω
3.26
20
Ω
3.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com