Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 7Page - SMSC Corporation USB97C201 Datasheet HTML 8Page - SMSC Corporation USB97C201 Datasheet HTML 9Page - SMSC Corporation USB97C201 Datasheet HTML 10Page - SMSC Corporation USB97C201 Datasheet HTML 11Page - SMSC Corporation USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation USB97C201 Datasheet HTML 14Page - SMSC Corporation USB97C201 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
SMSC USB97C201
Page 11
Rev. 11-05-03
DATASHEET
USB INTERFACE
USB Bus
Data
USB-
USB+
IO-U
These pins connect to the USB bus data
signals.
USB
Transceiver
Filter
LOOPFLTR
This pin provides the ability to supplement the
internal filtering of the transceiver with an
external network, if required.
USB
Transceiver
Bias
RBIAS
A 9.09 Kohm precision resistor is attached
from ground to this pin to set the transceiver’s
internal bias currents.
Termination
Resistor
RTERM
A precision 1.5Kohm precision resistor is
attached to this pin from a 3.3V supply.
Full Speed
USB Data
FS-
FS+
IO-U
These pins connect to the USB- and USB+
pins through 31.6 ohm series resistors.
MEMORY/IO INTERFACE
Memory Data
Bus
MD[7:0]
IO12
These signals are used to transfer data
between the internal CPU and the external
program memory.
Memory
Address Bus
MA[15:0]
O12
These signals address memory locations within
the external memory.
Memory Write
Strobe
nMWR
O12
Program Memory Write; active low
Memory Read
Strobe
nMRD
O12
Program Memory Read; active low
IO Read
Strobe
nIOR
O12
XDATA space Read; active low
IO Write
Strobe
nIOW
O12
XDATA space Write; active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com