Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation USB97C201 Datasheet HTML 35Page - SMSC Corporation USB97C201 Datasheet HTML 36Page - SMSC Corporation USB97C201 Datasheet HTML 37Page - SMSC Corporation USB97C201 Datasheet HTML 38Page - SMSC Corporation USB97C201 Datasheet HTML 39Page - SMSC Corporation USB97C201 Datasheet HTML 40Page - SMSC Corporation USB97C201 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
SMSC USB97C201
Page 37
Rev. 11-05-03
DATASHEET
NAK
(0xD7 - RESET=0x00)
NAK REGISTER
BIT
NAME
R/W
DESCRIPTION
Endpoint 0 in response to an OUT token.
5
NAK2TX
R
1 = indicates that an NAK has been sent to the host on
Endpoint 2 in response to an IN token.
4
NAK2RX
R
1 = indicates that an NAK has been sent to the host on
Endpoint 2 in response to an OUT token.
3
NAK1TX
R
1 = indicates that an NAK has been sent to the host on
Endpoint 1 in response to an IN token.
2
NAK1RX
R
1 = indicates that an NAK has been sent to the host on
Endpoint 1 in response to an OUT token.
1
NAK0TX
R
1 = indicates that an NAK has been sent to the host on
Endpoint 0 in response to an IN token.
0
NAK0RX
R
1 = indicates that an NAK has been sent to the host on
Endpoint 0 in response to an OUT token.
Notes:
Any bit that is high in this register, if not masked by the corresponding mask bit in the NAK_MSK register will
generate INT5 to the 8051.
A bit in this register may be cleared by writing a “1” to it.
Table 49 – NAK Mask Register
NAK_MSK
(0xD9- RESET=0xFF)
NAK MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
7
NYET2RX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NYET2RX bit is set in the NAK register.
6
NYET0RX
R/w
1 = Prevents generation of the 8051 INT5 interrupt when the
NYET0RX bit is set in the NAK register.
5
NAK2TX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NAK2TX bit is set in the NAK register.
4
NAK2RX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NAK2RX bit is set in the NAK register.
3
NAK1TX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NAK1TX bit is set in the NAK register.
2
NAK1RX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NAK1RX bit is set in the NAK register.
1
NAK0TX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NAK0TX bit is set in the NAK register.
0
NAK0RX
R/W
1 = Prevents generation of the 8051 INT5 interrupt when the
NAK0RX bit is set in the NAK register.
Table 50 – USB Error Register
USB_ERR
(0xDA - RESET=0x00)
USB ERROR REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads a “0”.
6
TOKEN
R/W
When set, this bit indicates that an unexpected token has
been received on one of the device’s endpoints.
5
Reserved
R
This bit always reads a “0”.
4
STALL
R/W
When set, indicates that a token has been received on a
endpoint of the device while that endpoint is in the STALL
condition.
3
DTOG
R/W
When set, indicates that a data packet has been received on
one of the device’s endpoints that has an incorrect data
toggle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com