Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 52 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation USB97C201 Datasheet HTML 53Page - SMSC Corporation USB97C201 Datasheet HTML 54Page - SMSC Corporation USB97C201 Datasheet HTML 55Page - SMSC Corporation USB97C201 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
SMSC USB97C201
Page 52
Rev. 11-05-03
DATASHEET
6.9.2
TRANSMIT BUFFER OPERATION
Figure 4 illustrates the operation of the transmit A and B buffers.
RAMRD_
TOGGLE
Written?
No
Yes
RAMRD_
TOGGLE=
0?
No
Yes
RAMRD_A=0;
Begin
Output A Buffer
SRAM Data
RAMRD_
TOGGLE
Written?
Yes
No
POR
RAMRD_A=1
RAMRD_B=1
Output
Completed?
No
Yes
RAMRD_A=1
RAMRD_
TOGGLE=
0?
Yes
No
RAMRD_B=0;
Begin
Output B Buffer
SRAM Data
RAMRD_
TOGGLE
Written?
No
Output
Completed?
No
Yes
RAMRD_B=1
RAMRD_
TOGGLE=
1?
No
Yes
Yes
OUTPUT
FLOW CONTROL
ACTIVE
OUTPUT
FLOW CONTROL
INACTIVE
RAMRD_B=0
RAMRD_B=0?
Yes
No
RAMRD_A=0
RAMRD_A=0?
Yes
FIGURE 4 - TRANSMIT BUFFER OPERATION
Transmit buffer operations are always initiated by writing the RAMRD_TOGGLE bit in the EP2 Control register.
Output flow control to the device receiving data from the SRAM buffer is active once data in both buffers has been
transferred. If the destination is the SIE, then it will NYET or NAK further INs. If it is the ATA interface, nDAK will not
be asserted in response to DRQ data will not be clocked out.
6.9.3
AUTOMATIC TRANSFER OPERATION
If the AUTO_TRANS bit is set in the ATA_CTL register, then automatic manipulation of the RAMWR_TOGGLE,
RAMRD_TOGGLE, RAMWR_B, and RAMWR_A bits is executed by a state machine to allow continuous streaming of
the data between EP2 and the ATA DMA interface. Automatic transfer of byte counts between the RAMWRBC_A/B
and RAMRDBC_A/B registers is also implemented. This is illustrated in Figure 5.
Note: If the count in RAMWRBC_A/B is zero, no transfer will occur. This is likely to happen on transfers from the SIE
to the ATA at the very end of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com