Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 48 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 44Page - SMSC Corporation USB97C201 Datasheet HTML 45Page - SMSC Corporation USB97C201 Datasheet HTML 46Page - SMSC Corporation USB97C201 Datasheet HTML 47Page - SMSC Corporation USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
SMSC USB97C201
Page 48
Rev. 11-05-03
DATASHEET
1)
Termination Phase: Either the source or the receiver can terminate a burst transfer. A burst termination consists
of a Stop Request, Stop Acknowledge and transfer of CRC data.
The USB97C201 can stop a burst by asserting STOP, with the IDE device acknowledged by deasserting
DRQ.
The IDE device stops a burst by deasserting DRQ and the USB97C201 acknowledges by asserting STOP.
The source then drives the STROBE signal to a high level. The USB97C201 then drive the CRC value onto
the data lines and deassert nDACK. The IDE devices will latch the CRC value on the rising edge of nDACK.
The USB97C201 will terminate a burst transfer if a Programmed I/O (PIO) cycle is executed to the IDE channel
currently running the burst, or upon transferring the last data from the final PRD.
At the completion of the entire transfer process, the IDE device will issue an interrupt, setting the ATA_IRQ bit and
forcing the remaining data to be sent to host on read operations.
6.3.6.3
Cyclic Redundancy Checking (CRC) Calculation
Cyclic Redundancy Checking (CRC-16) is used for error checking on Ultra ATA/66 transfers. The CRC value is
calculated for all data by both the USB97C201 and the IDE device over the duration of the DMA burst transfer
segment. This segment is defined as all data transferred with a valid STROBE edge from DACK assertion to nDACK
deassertion. At the end of the transfer burst segment, the USB97C201 will drive the CRC value onto the D[15:0]
signals. The value is then latched by the IDE device on deassertion of nDACK. The IDE device compares the
USB97C201 CRC value to its own and reports an error if there is a mismatch.
6.4 SRAM Buffers
1.25K Bytes of Buffer SRAM are provided. The Memory Map of the buffers are given below:
Table 64 –Buffer SRAM Mapping
SRAM ADDRESS
BUFFER DESCRIPTION
0x300 – 0x4FF
SRAM B 512 byte EP2/ATA buffer
0x100 – 0x2FF
SRAM A 512 byte EP2/ATA buffer
0x0C0 – 0x0FF
64 Byte EP1 TX Buffer
0x080 – 0x0BF
64 Byte EP1 RX Buffer
0x040 – 0x07F
64 Byte EP0 TX Buffer
0x000 – 0x03F
64 Byte EP0 RX Buffer
Note: The above SRAM address in the table refers to the BYTE location within the SRAM. The SRAM is actually
physically organized as a 32 bit wide memory.
The buffers used for EP2 is organized as two 512 byte buffers: A and B. The A buffer has its address starting at
0X100, while the B is at address 0X300.. Byte counts for data received or to be transmitted is contained in the
RAMWRBC_A/B and RAMRDBC
_A/B register sets, respectively. The direction of data flow is determined by the DIR
bit in the EP2 Control register. If DIR=0 then data flow is from the SIE to SRAM and from the SRAM to the ATA
interface. If DIR=1 the data flow is in the opposite direction. Unlike EP0 and EP1, data for both directions can not be
simultaneously buffered in the SRAM for EP2. However, the dual buffers and automatic transfer operation (see
Section 6.9) allow for sustained 480Mbps transfers across the USB97C201.
6.5 8051 Options
The following 8051 core options are included:
256 SRAM in SFR space
Three timers
Single serial port
Extended external inputs (INT2-13)
External program memory and external data bus (XDATA) are pinned out as a common bus.
6.6 Address Multiplexing
Access to the SRAM for the three access points, ie SIE, ATA DMA, or 8051, is via a time division multiplexing
scheme (See Section 6.7). Each of the above blocks have access to read or write the SRAM during one of four sub-
periods (the fourth period being reserved for future expansion/idle) of a four phase 15 Mhz clock( ie 60 Mhz slice
clock). The values set in the EPx_BUFx , and IN_BUFx, or OUT_BUFx (depending on the direction set for EP2)
control the address counter for accesses by the EPs during their time-slice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com