Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 47 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 43Page - SMSC Corporation USB97C201 Datasheet HTML 44Page - SMSC Corporation USB97C201 Datasheet HTML 45Page - SMSC Corporation USB97C201 Datasheet HTML 46Page - SMSC Corporation USB97C201 Datasheet HTML 47Page - SMSC Corporation USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
SMSC USB97C201
Page 47
Rev. 11-05-03
DATASHEET
STROBE: This is a data strobe signal driven by the TRANSMITTER of a data transfer, which is either the IDE device
of a DMA Read transfer or the USB97C201 of a DMA Write transfer, on which data is transferred during each rising
and falling edge transition of the signal. The IORDY signal is redefined as STROBE for reads (when transferring data
from the IDE device to the USB97C201). The IDE_nIOR signal is redefined as STROBE for writes (transferring data
from the USB97C201 to the IDE device).
nDMARDY: This is a signal driven by the RECEIVER of a data transfer, which is either the USB97C201 of a DMA
Read transfer or the IDE device of a DMA Write transfer, to signal that the RECEIVER is ready to transfer data or to
add wait states to the current transaction. The IDE_nIOR signal is redefined as nDMARDY for reads (when
transferring data from the IDE device to the USB97C201). The IORDY signal is redefined as nDMARDY for writes
(transferring data from the USB97C201 to the IDE device).
Table 63 – ULTRA ATA/66 Control Signal Assignments
STANDARD
IDE SIGNAL
NAME
SIGNAL NAME
DURING ULTRA
ATA/66 READ
CYCLE
SIGNAL NAME
DURING ULTRA
ATA/66 WRITE
CYCLE
IDE_nIOW
STOP
STOP
IDE_nIOR
nDMARDY
STROBE
IORDY
STROBE
nDMARDY
Note:
“Ultra ATA/66 Read Cycle”: Data transfers are from the IDE device to the USB97C201.
“Ultra ATA/66 Write Cycle”: Data transfers are from the USB97C201 to the IDE device.
6.3.6
ULTRA ATA/66 OPERATION
After initialization, there are two primary operations provided by the Ultra ATA/66 controller: data transfers and cyclic
redundancy checking (CRC).
6.3.6.1
Initialization
Initialization includes enabling and performing proper set up on the USB97C201and the IDE device. For the
USB97C201, it is necessary to enable Ultra ATA/66 mode for the IDE device and setting up the Ultra ATA/66 cycle
timings through the ATA_DMA register. The USB97C201 supports five timing modes: Mode 0 (120ns cycle time),
Mode 1 (80 ns cycle time), Mode 2 (60ns cycle time), Mode 3 (45ns cycle time), and Mode 4 (30ns cycle time).
6.3.6.2
Data Transfer Operation
The USB97C201 and the Ultra ATA compatible IDE device control the transfer via the Ultra ATA protocol. The actual
data transfer consists of three phases, a start-up phase, a data transfer phase, and a burst termination phase.
1)
Start-Up Phase: The IDE device begins the start-up phase by asserting DRQ signal. When ready to begin the
transfer, the USB97C201 will assert nDACK. When nDACK is asserted, the USB97C201 will drive CS0/1
inactive, and A0-A2 low.
For Write cycles, the USB97C201 will deassert STOP, wait for the IDE device to assert nDMARDY and then
drive the first data word and the STROBE signal.
For Read cycles, the USB97C201will tristate the data lines, deassert STOP, and assert nDMARDY. The IDE
device will then drive the first data word and the STROBE signal.
2)
Data-Transfer Phase: The burst data transfer continues with the data source (Writes: USB97C201, Reads: IDE
devices) providing data and toggling STROBE. Data is transferred (latched by receiver) on each rising and falling
edge of STROBE.
The source can pause the burst stream by holding STROBE high or low, resuming the burst stream by again
toggling STROBE.
The receiver can pause the burst stream by negating the nDMARDY and resumes the transfers by asserting
nDMARDY.
The USB97C201 may pause a burst transaction in order to toggle internal data buffer, or to prevent a buffer over or
under flow condition, resuming once the condition has cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com