Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 14Page - SMSC Corporation USB97C201 Datasheet HTML 15Page - SMSC Corporation USB97C201 Datasheet HTML 16Page - SMSC Corporation USB97C201 Datasheet HTML 17Page - SMSC Corporation USB97C201 Datasheet HTML 18Page - SMSC Corporation USB97C201 Datasheet HTML 19Page - SMSC Corporation USB97C201 Datasheet HTML 20Page - SMSC Corporation USB97C201 Datasheet HTML 21Page - SMSC Corporation USB97C201 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
SMSC USB97C201
Page 18
Rev. 11-05-03
DATASHEET
Table 5 - 8051 Core SFR Register Summary
These registers are part of the 8051 design core itself.
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
ADDRESS
SP
81h
DPL0
82h
DPH0
83h
DPL1
84h
DPH1
85h
DPS
0
0
0
0
0
0
0
SEL
86h
PCON
SMOD0
–
1
1
GF1
GF0
STOP
IDLE
87h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88h
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
89h
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
T2M
T1M
T0M
MD2
MD1
MD0
8Eh
SPC_
FNC
0
0
0
0
0
0
0
WR
S
8Fh
EXIF
IE5
IE4
IE3
IE2
1
0
0
0
91h
MPAGE
92h
SCON0
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
98h
SBUF0
99h
IE
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
A8h
IP
1
PS1
PT2
PS0
PT1
PX1
PT0
PX0
B8h
TL2
CCh
TH2
CDh
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
D0h
EICON
SMOD1
1
EPFI
PFI
WDTI
0
0
0
D8h
ACC
E0h
EIE
1
1
1
EWDI
EX5
EX4
EX3
EX2
E8h
B
F0h
EIP
1
1
1
PWDI
PX5
PX4
PX3
PX2
F8h
Notes:
Bit WRS of the SPC_FNC register controls the operation of MOVX writes the program or XDATA bus of the
8051. Setting it to 0 ( the reset state), will direct writes to the XDATA bus, either to internal or external
destinations, while setting it to 1 will allow writes to the program memory bus to occur, either internally( if the 768
SRAM is the target) or externally.
Bits MD2:0 of the CKCON SFR register (8Eh) control the cycle timing for external accesses using the nIOR and
nIOW signals. This allows slow peripheral devices to be attached. The values and corresponding strobe widths
are shown below:
MD2
MD1
MD0
NIOR/NIOW STOBE
(CLKS)
NIOR/NIOW STROBE (AT
30MHZ)
0
0
0
2
66ns
0
0
1
4
133ns
0
1
0
8
267ns
0
1
1
12
400ns
1
0
0
16
533ns
1
0
1
20
667ns
1
1
0
24
800ns
1
1
1
28
933ns
Note: the strobe width will vary with the actual clock divider used for the processor. For example if, 16 Mhz is used,
an MD[2:0] value of 111 will result in a 28 clock strobe or 1866ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com