Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 10Page - SMSC Corporation USB97C201 Datasheet HTML 11Page - SMSC Corporation USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation USB97C201 Datasheet HTML 14Page - SMSC Corporation USB97C201 Datasheet HTML 15Page - SMSC Corporation USB97C201 Datasheet HTML 16Page - SMSC Corporation USB97C201 Datasheet HTML 17Page - SMSC Corporation USB97C201 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
SMSC USB97C201
Page 14
Rev. 11-05-03
DATASHEET
6.0 FUNCTIONAL BLOCK DESCRIPTIONS
6.1 MCU
The 64K memory map is as follows from the 8051's viewpoint:
6.1.1
MCU MEMORY MAP: CODE SPACE
The 8051 has a single flat 64K Code space. External memory requires 80ns access times from Address to Data and
less than 80ns output enable access times, assuming the use of the nMEMR signal as OE on the memory.
Table 2 - MCU Code Memory Map
8051 ADDRESS
CODE SPACE
ACCESS
0x0700-0xFFFF
Fixed Memory
External Program
Memory
0x0400-0x06FF
768 Bytes of Fixed 16k FLASH Page
OR
768 Bytes of Internal SRAM for program execution
(see bit 7 of the UTIL_CFG register for more
information)
External Program
Memory
OR
Internal Program
SRAM
0x0000-0x03FF
Fixed Memory
External Program
Memory
8051 MCU External Code Address
Space
0xFFFF
Internal 768 Byte
SRAM or External
Memory
0x0000
0x0400
0x0700
FIGURE 1 - MCU TO EXTERNAL CODE SPACE MAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com