Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 23Page - SMSC Corporation USB97C201 Datasheet HTML 24Page - SMSC Corporation USB97C201 Datasheet HTML 25Page - SMSC Corporation USB97C201 Datasheet HTML 26Page - SMSC Corporation USB97C201 Datasheet HTML 27Page - SMSC Corporation USB97C201 Datasheet HTML 28Page - SMSC Corporation USB97C201 Datasheet HTML 29Page - SMSC Corporation USB97C201 Datasheet HTML 30Page - SMSC Corporation USB97C201 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
SMSC USB97C201
Page 27
Rev. 11-05-03
DATASHEET
Table 19 – SRAM Address Register 1
SRAM_ADD1
(A1 RESET=0x00)
SRAM ADDRESS REGISTER 1
BIT
NAME
R/W
DESCRIPTION
[7:0]
SRAM_ADD
[7:0]
R/W
This register contains lower bits
of the address in the buffer
RAM that the SRAM_DATA
register reads or writes.
Table 20 – SRAM Address Register 2
SRAM_ADD2
(0XA2- RESET=0x00)
SRAM ADDRESS REGISTER 2
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
R
These bits always read “0”.
[2:0]
SRAM_ADD
[10:8]
R/W
This register contains upper bits
of the address in the buffer
RAM that the SRAM_DATA
register reads or writes.
Note: These registers will auto increment upon each read or write to the SRAM_DATA register.
6.1.4.3
MCU Power Management Registers
Table 21 - MCU Clock Source Select
CLOCK_SEL
(0XA5 - RESET=0x40)
MCU CLOCK SOURCE SELECT
BIT
NAME
R/W
DESCRIPTION
7
SLEEP
R/W
When PCON. 0 = 1 and SLEEP has been set to 1, the ring
oscillator will be gated off, then all oscillators will be turned
off for maximum power savings.
6
ROSC_EN
R/W
0 = Ring Oscillator Disable.
1 = Ring Oscillator Enable. ROSC_EN must be set to 1
before the MCU can be switched to the internal Ring
Oscillator Clock source.
5
MCUCLK_SRC
R/W
MCUCLK_SRC overrides MCUCLK_x clock select and
switches the MCU to the Ring Oscillator.
0 = Use Ring Oscillator. ROSC_EN must be enabled by the
MCU first.
1 = Use clock specified in MCU_CLK_[1:0]
[4:3]
MCU_CLK[1:0]
R/W
[4:3] = 00: 3.75MHz
[4:3] = 01: 7.5MHz
[4:3] = 10: 15MHz
[4:3] = 11: 30MHz
2
CLKVALID
R
Reflects the state of the PHY CLKVALID signal. When 1,
indicates that the internal clocks are stable and can be
used instead of the ring oscillator. After restarting the
clocks with the SUSPEND bit in the SIE_CONF register,
the code should wait 50us before polling this bit. This bit is
polled until it reads a “1” to see if the clocks are settled
before accessing any other non 8051 registers.
1:0]
Reserved
R
Always reads “0”.
Note 1: The 8051 may program itself to run off of an internal Ring Oscillator having a frequency range between 8 and
24MHz. This is not a precise clock, but is meant to provide the 8051 with a clock source, without running the
30MHz crystal oscillator or the PLL
Note 2: Switching between fast and slow clocks is recommended to save power.
Note 3: Clock switching can be done on the fly as long as both clocks are running. When switching, it takes a total of six
clocks (3 clocks of the original clock plus 3 clocks of the switching clock) to guarantee the switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com