Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 32Page - SMSC Corporation USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation USB97C201 Datasheet HTML 35Page - SMSC Corporation USB97C201 Datasheet HTML 36Page - SMSC Corporation USB97C201 Datasheet HTML 37Page - SMSC Corporation USB97C201 Datasheet HTML 38Page - SMSC Corporation USB97C201 Datasheet HTML 39Page - SMSC Corporation USB97C201 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
SMSC USB97C201
Page 36
Rev. 11-05-03
DATASHEET
Table 42 – RAM Buffer Write Byte Count Register B1
RAMWRBC_B1
(0xD1 - RESET=0x00)
RAM BUFFER WRITE BYTE COUNT REGISTER B1
BIT
NAME
R/W
DESCRIPTION
[7:2]
Reserved
R
This bit always reads “0”.
1
512Bytes
R
1 = Indicates that 512 bytes were transferred
0
COUNT8
R
Bit 8 of the byte count for the data transferred.
Table 43 – RAM Buffer Write Byte Count Register B2 Register
RAMWRBC_B2
(0xD2 - RESET=0x00)
RAM BUFFER WRITE BYTE COUNT REGISTER B2
BIT
NAME
R/W
DESCRIPTION
[7:0]
COUNT[7:0]
R
Bits 7 thru 0 the byte count of the data transferred to SRAM.
The packet is stored beginning at address 0x0300.
Table 44 – RAM Buffer Read Byte Count Register A1
RAMRDBC_A1
(0xD3 - RESET=0x00)
RAM BUFFER READ BYTE COUNT REGISTER A1
BIT
NAME
R/W
DESCRIPTION
[7:2]
Reserved
R
This bit always reads “0”.
1
512Bytes
R/W
1 = Indicates that 512 bytes are to transferred
0
COUNT8
R/W
Bit 8 of the byte count for the data to be transferred.
Table 45 – RAM Buffer Read Byte Count Register A2 Register
RAMRDBC_A2
(0xD4 - RESET=0x00)
RAM BUFFER READ BYTE COUNT REGISTER A2
BIT
NAME
R/W
DESCRIPTION
[7:0]
COUNT[7:0]
R/W
Bits 7 thru 0 the byte count of the packet to be transferred
from the SRAM. The packet is stored beginning at address
0x0100
Table 46 – RAM Buffer Read Byte Count Register B1
RAMRDBC_B1
(0xD5 - RESET=0x00)
RAM BUFFER READ BYTE COUNT REGISTER B1
BIT
NAME
R/W
DESCRIPTION
[7:2]
Reserved
R
This bit always reads “0”.
1
512Bytes
R/W
1 = Indicates that 512 bytes are to transferred
0
COUNT8
R/W
Bit 8 of the byte count for the data to be transferred.
Table 47 – RAM Buffer Read Byte Count Register B2 Register
RAMRDBC_B2
(0xD6 - RESET=0x00)
RAM BUFFER READ BYTE COUNT REGISTER B2
BIT
NAME
R/W
DESCRIPTION
[7:0]
COUNT[7:0]
R/W
Bits 7 thru 0 the byte count of the packet to be transferred
from the SRAM. The packet is stored beginning at address
0x0300.
Table 48 – NAK Register (INT5)
NAK
(0xD7 - RESET=0x00)
NAK REGISTER
BIT
NAME
R/W
DESCRIPTION
7
NYET2RX
R
1 = indicates that an NYET has been sent to the host on
Endpoint 2 in response to an OUT token.
6
NYET0RX
R
1 = indicates that an NYET has been sent to the host on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com