Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 42Page - SMSC Corporation USB97C201 Datasheet HTML 43Page - SMSC Corporation USB97C201 Datasheet HTML 44Page - SMSC Corporation USB97C201 Datasheet HTML 45Page - SMSC Corporation USB97C201 Datasheet HTML 46Page - SMSC Corporation USB97C201 Datasheet HTML 47Page - SMSC Corporation USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
SMSC USB97C201
Page 46
Rev. 11-05-03
DATASHEET
Table 62 – IDE Transaction Timing
IDE TRANSACTION TYPE
STARTUP
LATENCY
ISP
RCT
SHUTDOWN
LATENCY
Non-Data Port Compatible
133ns
367ns
733ns
67ns
Data Port Compatible
100ns
200ns
467ns
67ns
Fast Timing Mode (for Data Port
Accessing)
67ns
267-167ns
33-133ns
67ns
6.3.3
PIO IDE DATA PREFETCHING AND POSTING
The IDE Controller can be programmed via the IDE_TIM registers to allow data to be posted to and prefetched from
the IDE data ports. Data prefetching is initiated when a data port read occurs. The read prefetch eliminates latency to
the IDE data ports and allows them to be performed back to back for the highest possible PIO data transfer rates. The
first data port read of a sector is called the demand read. Subsequent data port reads from the sector are called
prefetch reads. The demand read and all prefetch reads must be of the same size (16 or 32 bits).
Data posting is performed for writes to the IDE data ports. The IDE CONTROLLER will then run the IDE cycle to
transfer the data to the drive.
6.3.4
DMA TRANSFERS
When enabled and supported by the device, DMA transfers are executed on the IDE interface, the chip selects
(IDE_nCS1/0) will be negated (high). When the IDE device asserts IDE_DRQ, the IDE Controller will return
IDE_nDACK to the IDE device when it is ready for the DMA data transfer. For multiword DMA transfers, the
IDE_nIOR or IDE_nIOW signal will free run at the programmed rate as long as IDE_DRQ remains asserted and the
IDE Controller is prepared to complete a data transfer. If IDE_DRQ has not de-asserted by the rising edge of
IDE_nIOR or IDE_nIOW signal multiword DMA is assumed and at least one more cycle will be executed. If IDE_DRQ
de-asserts before IDE_nIOR or IDE_nIOW is de-asserted while IDE_nDACK is asserted, it indicates that one last
data transfer remains for the current session. In this case, IDE_nDACK will be de-asserted one clock after the
IDE_nIOR or IDE_nIOW signal de-asserts. This allows the IDE controller to support both single and multiword DMA
cycles automatically.
The IDE device’s DMA request signal is sampled when the IO strobe is deasserted. If inactive, the DMA Acknowledge
signal is deasserted and no more transfers take place until DMA request is again asserted.
The controller transfers data to or from the EP2 buffer(s) responding to the DMA requests from the IDE device. The
controller will continue this until stopped or the byte count in ATA_CNT[3:0] reaches zero.
6.3.4.1
Completion of DMA Data Transfers
The IDE device signals an interrupt (IDE_IRQ) once its programmed data count has been transferred or an error
occurs. The IDE device will also deassert its DMA request signal, causing the IDE Controller to stop transferring data.
On reads from the IDE device, it will cause any data read from the device to be transferred to the EP2 buffer(s), as
they become available.
6.3.5
ULTRA ATA/66 SYNCHRONOUS DMA OPERATION
Ultra ATA/66 is a new IDE transfer protocol used to transfer data between a Ultra ATA/66 capable IDE controller and
Ultra ATA/66 capable IDE devices. Ultra DMA/66 utilizes a “source synchronous” signaling protocol to transfer data at
rates up to 66 Mbytes/sec.
6.3.5.1
Ultra ATA/66 Signals
Although no additional signal pins are required for Ultra ATA/66 operation, the operation of some standard IDE
controller pins are redefined during Ultra ATA modes of operation. The Ultra DMA/66 protocol defines three hand-
shaking signals: STOP, STROBE and DMARDY. Table 63 shows the mapping of the redefined Ultra ATA/66 signals
onto the standard IDE controller pins.
STOP: STOP is always driven by the the USB97C201 and is used to request that a transfer be stopped or as an
acknowledgment to stop a request from IDE device. The IDE_nIOW signal is redefined as STOP for both read and
write transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com