Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 22 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 22 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 18Page - SMSC Corporation CIRCC Datasheet HTML 19Page - SMSC Corporation CIRCC Datasheet HTML 20Page - SMSC Corporation CIRCC Datasheet HTML 21Page - SMSC Corporation CIRCC Datasheet HTML 22Page - SMSC Corporation CIRCC Datasheet HTML 23Page - SMSC Corporation CIRCC Datasheet HTML 24Page - SMSC Corporation CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
22
REGISTERS
The CIrCC is partially enabled through binary
controls found in two 8-byte register banks. The
banks, the ACE550 UART Controls and the SCE
Controls, are selected with the nACE and nSCE
register-bank
selector
inputs
found
in
the
Interface Description.
If nACE is zero, the three least significant bits of
the Host Address Bus decode the 16C550A
UART control registers.
If nSCE is zero, the
SCE control bank is addressed. All of the CIrCC
registers are 8 bits wide.
ACE UART CONTROLS
The table below (Table 12) lists the ACE UART
Control Registers.
See the current SMSC
16C550A
implementation
for
a
complete
description.
Table 12 - 16C550A UART Addressing
DLAB
A2
A1
A0
DIRECTION
REGISTER NAME
0
0
0
0
Read
Receive Buffer
0
0
0
0
Write
Transmit Buffer
0
0
0
1
Read/Write
Interrupt Enable
X
0
1
0
Read
Interrupt Identification
X
0
1
0
Write
FIFO Control
X
0
1
1
Read/Write
Line Control
X
1
0
0
Read/Write
Modem Control
X
1
0
1
Read/Write
Line Status
X
1
1
0
Read/Write
Modem Status
X
1
1
1
Read/Write
Scratchpad
1
0
0
0
Read/Write
Divisor (LSB)
1
0
0
1
Read/Write
Divisor (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com