Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 39 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 39 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 35Page - SMSC Corporation CIRCC Datasheet HTML 36Page - SMSC Corporation CIRCC Datasheet HTML 37Page - SMSC Corporation CIRCC Datasheet HTML 38Page - SMSC Corporation CIRCC Datasheet HTML 39Page - SMSC Corporation CIRCC Datasheet HTML 40Page - SMSC Corporation CIRCC Datasheet HTML 41Page - SMSC Corporation CIRCC Datasheet HTML 42Page - SMSC Corporation CIRCC Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
39
ACE UART
The SMSC CIrCC incorporates one full function
UART compatible with the NS16450, the 16450
ACE registers and the NS16C550A. The UART
performs serial-to-parallel conversion on received
characters and parallel-to-serial conversion on
transmit
characters.
The
data
rates
are
independently programmable from 115.2K baud
down to 50 baud.
The character options are
programmable for 1 start; 1, 1.5 or 2 stop bits;
even, odd, sticky or no parity; and prioritized
interrupts. The UART contains a programmable
baud rate generator that is capable of dividing the
input clock or crystal by a number from 1 to 65535.
The UART is also capable of supporting the MIDI
data rate. Refer to the Configuration Register
section
of
the
device
data
sheet
for
the
information
on
disabling,
power
down
and
changing the base address of the UART.
The
interrupt
from
the
UART
is
enabled
by
programming OUT2 of the UART to a logic "1".
OUT2 being a logic "0" disables the UART's
interrupt.
REGISTER DESCRIPTION
Addressing of the accessible registers of the Serial
Port is shown below. The configuration registers
define the base addresses of the serial ports. The
Serial Port registers are located at sequentially
increasing
addresses
above
these
base
addresses. The SMSC CIrCC UART register set
is described below.
Table 26 - Addressing The Serial Port
DLAB*
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write)
*NOTE: DLAB is Bit 7 of the Line Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com