Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 9 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 9 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 5Page - SMSC Corporation CIRCC Datasheet HTML 6Page - SMSC Corporation CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation CIRCC Datasheet HTML 10Page - SMSC Corporation CIRCC Datasheet HTML 11Page - SMSC Corporation CIRCC Datasheet HTML 12Page - SMSC Corporation CIRCC Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
Table 7 - Legacy Chip-Level Controls
NAME
SIZE (BITS)
TYPE
DESCRIPTION
Tx Polarity
1
Input
Output Mux. Transmit Polarity
Rx Polarity
1
Input
Output Mux. Receive Polarity
Half Duplex
1
Input
16C550A UART Half Duplex
Control
IR Half Duplex Timeout
8
Input
IR Transceiver Turnaround Time
IR Mode
3
Input
IR Mode Register Bits
IR Location
2
Input
IR Option Register Location Bits
Tx Polarity
Typically part of a 16C550A Serial Port Option
Register.
The value also appears in CIrCC
Register Block One, Address Zero.
Rx Polarity
Typically part of a 16C550A Serial Port Option
Register.
The value also appears in CIrCC
Register Block One, Address Zero.
Half Duplex
Typically part of a 16C550A Serial Port Option
Register.
The value also appears in CIrCC
Register Block One, Address Zero.
IR Half Duplex Timeout
Typically part of a 16C550A Serial Port 2
Configuration Register. The value also appears
in CIrCC Register Block One, Address Zero.
IR Mode
Typically part of a 16C550A Serial Port Option
Register.
These values are also part of the
CIrCC Block Control bits 3-5, Register Block
One, Address Zero.
IR Location
Typically part of a 16C550A Serial Port IR Option
Register.
These values are the CIrCC Output
Mux bits, Register Block One, Address One.
Note:
These legacy controls are uniformly
updated in the CIrCC and the Top-Level Device
Configuration Registers only when either set of
registers is explicitly written using IOW or
following a device-level POR.
CIrCC software
resets will not affect the legacy bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com