Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 1 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 1 Page - SMSC Corporation

  CIRCC Datasheet HTML 1Page - SMSC Corporation CIRCC Datasheet HTML 2Page - SMSC Corporation CIRCC Datasheet HTML 3Page - SMSC Corporation CIRCC Datasheet HTML 4Page - SMSC Corporation CIRCC Datasheet HTML 5Page - SMSC Corporation CIRCC Datasheet HTML 6Page - SMSC Corporation CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
CIrCC
Consumer Infrared Communications Controller
FEATURES
•
Multi-Protocol Serial Communications
Controller
•
Full IrDA v1.0 Implementation: 2.4 kbps to
115.2 kbps
•
Consumer Infrared Remote Control Interface
•
SHARP Amplitude Shift Keyed Infrared
(ASK IR) Interface
•
Direct Rx/Tx Infrared Diode Control (Raw)
and General Purpose Data Pins
•
Programmable High-Speed Synchronous
Communications Engine (SCE) with a 32-
Byte FIFO and Programmable Threshold
•
Programmable DMA Refresh Counter
•
High-Speed NS16C550A-Compatible
Universal Asynchronous Receiver/
Transmitter Interface (ACE UART) with 16-
Byte Send and Receive FIFOs
•
ISA Single-Byte and Burst-Mode DMA and
Interrupt-Driven Programmed I/O with Zero
Wait State and String Move Timing
•
Automatic Transceiver Control
•
Transmit Pulse Width Limiter
•
SCE Transmit Delay Timer
•
IR Media Busy Indicator
GENERAL DESCRIPTION
This document describes the Consumer Infrared
Communications
Controller
(CIrCC)
function,
which is common to a number of SMSC
products. The CIrCC consists of two main
architectural blocks: the ACE 16C550A UART
and a Synchronous Communications Engine
(SCE) (Figure 2). Each Block is supported by its
own unique register set.
The CIrCC UART-driven IrDA SIR and SHARP
ASK modes are backward-compatible with early
SMSC
Super
I/O
and
Ultra
I/O
infrared
implementations. The CIrCC SCE supports IrDA
version 1.0 and consumer IR modes. All of the
SCE modes use DMA. The CIrCC offers flexible
signal routing and programmable output control
through
the
Raw
mode
interface,
General
Purpose Data pins and Output Multiplexer.
Hardware decoding of the NEC PPM Consumer
IR Remote Control format is implemented in the
CIrCC. The CIrCC provides a PME output signal
that is used to indicate the occurrence of a valid
CIR
Wake-up
event.
Chip-level
address
decoding is required to access the CIrCC register
sets.


Similar Part No. - CIRCC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CIRCUITS IN POWER TEC-CIRCUITS IN POWER Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
More results

Similar Description - CIRCC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
SDLC COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
CAM35C44 SMSC-CAM35C44 Datasheet
206Kb / 50P
Infrared Communications Controller Chip CameraFR
IRCC SMSC-IRCC Datasheet
434Kb / 79P
INFRARED COMMUNICATIONS CONTROLLER
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
logo
SMSC Corporation
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
Infrared Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044_10 Datasheet
597Kb / 65P
SDLC Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com