Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 44 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 44 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 40Page - SMSC Corporation CIRCC Datasheet HTML 41Page - SMSC Corporation CIRCC Datasheet HTML 42Page - SMSC Corporation CIRCC Datasheet HTML 43Page - SMSC Corporation CIRCC Datasheet HTML 44Page - SMSC Corporation CIRCC Datasheet HTML 45Page - SMSC Corporation CIRCC Datasheet HTML 46Page - SMSC Corporation CIRCC Datasheet HTML 47Page - SMSC Corporation CIRCC Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
44
Bit 0
This bit controls the Data Terminal Ready (nDTR)
output. When bit 0 is set to a logic "1", the nDTR
output is forced to a logic "0". When bit 0 is a
logic "0", the nDTR output is forced to a logic "1".
Bit 1
This bit controls the Request To Send (nRTS)
output. Bit 1 affects the nRTS output in a manner
identical to that described above for bit 0.
Bit 2
This bit controls the Output 1 (OUT1) bit. This bit
does not have an output pin and can only be read
or written by the CPU.
Bit 3
Output 2 (OUT2). This bit is used to enable an
UART interrupt. When OUT2 is a logic "0", the
serial port interrupt output is forced to a high
impedance state - disabled.
When OUT2 is a
logic "1", the serial port interrupt outputs are
enabled.
Bit 4
This
bit
provides
the
loopback
feature
for
diagnostic testing of the Serial Port. When bit 4 is
set to logic "1", the following occur:
1. The TXD is set to the Marking State(logic "1").
2. The
receiver
Serial
Input
(RXD)
is
disconnected.
3. The output of the Transmitter Shift Register is
"looped back" into the Receiver Shift Register
input.
4. All MODEM Control inputs (nCTS, nDSR, nRI
and nDCD) are disconnected.
5. The four MODEM Control outputs (nDTR,
nRTS, and OUT2) are internally connected to
the four MODEM Control inputs.
6. The Modem Control output pins are forced
inactive high.
7. Data
that
is
transmitted
is
immediately
received.
This feature allows the processor to verify the
transmit and receive data paths of the Serial Port.
In the diagnostic mode, the receiver and the
transmitter interrupts are fully operational. The
MODEM Control Interrupts are also operational
but the interrupts' sources are now the lower four
bits of the MODEM Control Register instead of the
MODEM Control inputs. The interrupts are still
controlled by the Interrupt Enable Register.
Bits 5 through 7
These bits are permanently set to logic zero.
LINE STATUS REGISTER (LSR)
Address Offset = 5H, DLAB = X, READ/
WRITE
Bit 0
Data Ready (DR). It is set to a logic "1" whenever
a complete incoming character has been received
and transferred into the Receiver Buffer Register
or the FIFO. Bit 0 is reset to a logic "0" by reading
all of the data in the Receive Buffer Register or the
FIFO.
Bit 1
Overrun Error (OE). Bit 1 indicates that data in the
Receiver Buffer Register was not read before the
next character was transferred into the register,
thereby destroying the previous character.
In
FIFO mode, an overrun error will occur only when
the FIFO is full and the next character has been
completely received in the shift register, the
character in the shift register is overwritten but not
transferred to the FIFO. The OE indicator is set to
a logic "1" immediately upon detection of an
overrun condition, and reset whenever the Line
Status Register is read.
Bit 2
Parity Error (PE). Bit 2 indicates that the received
data character does not have the correct even or
odd parity, as selected by the even parity select
bit. The PE is set to a logic "1" upon detection of a
parity error and is reset to a logic "0" whenever the
Line Status Register is read. In the FIFO mode
this error is associated with the particular character
in the FIFO it applies to. This error is indicated
when the associated character is at the top of the
FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com