Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 45 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 45 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 41Page - SMSC Corporation CIRCC Datasheet HTML 42Page - SMSC Corporation CIRCC Datasheet HTML 43Page - SMSC Corporation CIRCC Datasheet HTML 44Page - SMSC Corporation CIRCC Datasheet HTML 45Page - SMSC Corporation CIRCC Datasheet HTML 46Page - SMSC Corporation CIRCC Datasheet HTML 47Page - SMSC Corporation CIRCC Datasheet HTML 48Page - SMSC Corporation CIRCC Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
45
Bit 3
Framing Error (FE).
Bit 3 indicates that the
received character did not have a valid stop bit.
Bit 3 is set to a logic "1" whenever the stop bit
following the last data bit or parity bit is detected
as a zero bit (Spacing level). The FE is reset to a
logic "0" whenever the Line Status Register is
read. In the FIFO mode this error is associated
with the particular character in the FIFO it applies
to.
This error is indicated when the associated
character is at the top of the FIFO. The Serial Port
will try to resynchronize after a framing error. To
do this, it assumes that the framing error was due
to the next start bit, so it samples this 'start' bit
twice and then takes in the 'data'.
Bit 4
Break Interrupt (BI).
Bit 4 is set to a logic "1"
whenever the received data input is held in the
Spacing state (logic "0") for longer than a full word
transmission time (that is, the total time of the start
bit + data bits + parity bits + stop bits). The BI is
reset after the CPU reads the contents of the Line
Status Register. In the FIFO mode this error is
associated with the particular character in the
FIFO it applies to. This error is indicated when the
associated character is at the top of the FIFO.
When break occurs only one zero character is
loaded into the FIFO. Restarting after a break is
received, requires the serial data (RXD) to be logic
"1" for at least 1/2 bit time.
NOTE: Bits 1 through 4 are the error conditions
that produce a Receiver Line Status Interrupt
whenever any of the corresponding conditions are
detected and the interrupt is enabled.
Bit 5
Transmitter Holding Register Empty (THRE). Bit 5
indicates that the Serial Port is ready to accept a
new character for transmission. In addition, this bit
causes the Serial Port to issue an interrupt when
the Transmitter Holding Register interrupt enable
is set high. The THRE bit is set to a logic "1" when
a character is transferred from the Transmitter
Holding
Register
into
the
Transmitter
Shift
Register. The bit is reset to logic "0" whenever the
CPU loads the Transmitter Holding Register. In
the FIFO mode this bit is set when the XMIT FIFO
is empty, it is cleared when at least 1 byte is
written to the XMIT FIFO. Bit 5 is a read only bit.
Bit 6
Transmitter Empty (TEMT). Bit 6 is set to a logic
"1" whenever the Transmitter Holding Register
(THR) and Transmitter Shift Register (TSR) are
both empty. It is reset to logic "0" whenever either
the THR or TSR contains a data character. Bit 6
is a read only bit. In the FIFO mode this bit is set
whenever the THR and TSR are both empty,
Bit 7
This bit is permanently set to logic "0" in the 450
mode. In the FIFO mode, this bit is set to a logic
"1" when there is at least one parity error, framing
error or break indication in the FIFO. This bit is
cleared when the LSR is read if there are no
subsequent errors in the FIFO.
MODEM STATUS REGISTER (MSR)
Address Offset = 6H, DLAB = X, READ/
WRITE
This 8 bit register provides the current state of the
control lines from the MODEM (or peripheral
device).
In
addition
to
this
current
state
information, four bits of the MODEM Status
Register
(MSR)
provide
change
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com