Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 7 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 7 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 3Page - SMSC Corporation CIRCC Datasheet HTML 4Page - SMSC Corporation CIRCC Datasheet HTML 5Page - SMSC Corporation CIRCC Datasheet HTML 6Page - SMSC Corporation CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation CIRCC Datasheet HTML 10Page - SMSC Corporation CIRCC Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
Table 5 - SYSTEM Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
CLK
1
Input
System Clock
RESET
1
Input
CIrCC System Reset
CIR_PME
1
Output
CIR PME Wake Event
Power Down
1
Input
Low Power Control
DMAEN
1
Output
DRQ Tristate Control
IRQEN
1
Output
IRQ Tristate Control
nACE
1
Input
ACE 550 Register Bank Select
nSCE
1
Input
SCE Register Bank Select
VCC
Power
System Supply
GND
Power
System Ground
DMAEN
DMAEN is used by the chip-level interface to
tristate the CIrCC DRQ output when the DMA
Enable bit is inactive.
The DMA Enable bit is
located in SCE Configuration Register B, bit 0.
IRQEN
IRQEN is used by the chip-level interface to
tristate the CIrCC IRQ output when the OUT2 bit
is inactive. The OUT2 bit is located in 16C550A
MODEM Control Register.
Power Down
The Power Down pin is used by the chip-level
interface to put the SCE into low power mode.
Note: Power Down only forces the SCE into low
power mode. The ACE power down function is
not a part of this specification.
CIR_PME
CIR_PME is used by a chip-level interface to
indicate that a valid NEC control frame has been
received and a PME Wake event can be issued.
(See the PME WAKE bit in the Consumer IR
Control Register in SCE Register Block Two).
CHIP-LEVEL CONFIGURATION CONTROLS
The following signals come from chip-level
configuration registers. There are two types of
Chip-Level
Configuration
Controls:
CIrCC-
Specific controls, and Legacy Controls.
Both
types have equivalent controls in either the
CIrCC ACE or SCE Registers.
The CIrCC-Specific controls have been newly
added primarily to support the CIrCC block.
Provisions have been made in new chip-level
configuration contexts to accommodate these
signals.
The Legacy controls already exist in other
contexts. Provisions have been made in legacy
devices to accommodate these controls from
either the Chip-Level Configuration Registers or
the CIrCC Registers; i.e., the last updated value
from either source determines the current control
state and is visible in both registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com