Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 33 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 33 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 29Page - SMSC Corporation CIRCC Datasheet HTML 30Page - SMSC Corporation CIRCC Datasheet HTML 31Page - SMSC Corporation CIRCC Datasheet HTML 32Page - SMSC Corporation CIRCC Datasheet HTML 33Page - SMSC Corporation CIRCC Datasheet HTML 34Page - SMSC Corporation CIRCC Datasheet HTML 35Page - SMSC Corporation CIRCC Datasheet HTML 36Page - SMSC Corporation CIRCC Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
33
No Wait, bit 3
When the No Wait bit is one, the ISA Bus
nSRDY signal goes active following the trailing
edge of the ISA I/O command and inactive
following the rising edge (see the Zero Wait State
Support section on page 65).
String Move, Bit 2
When
the
String
Move
bit
is
one,
the
programmed I/O host interface is qualified by
IOCHRDY (Table 21). See the IOCHRDY Time-
Out section on page 63.
DMA Burst Mode, bit 1
When the DMA Burst Mode bit is one, DMA
Burst (Demand) mode is enabled.
When the
DMA Burst Mode bit is zero, Single Byte DMA
mode is enabled (Table 21). See the DMA
section on page 58.
DMA Enable, bit 0
DMA Enable is connected to a signal in the
Interface Description called DMAEN that is used
by the chip-level interface to tristate the CIrCC
DMA
controls
when
the
DMA
interface
is
inactive. When the DMA Enable bit is one, the
DMA host interface is active (Table 21). See the
DMA section on page 58.
When the DMA
Enable bit is zero (default), the nDACK and TC
inputs are disabled and DRQ output is gated off.
Table 21 - I/O Interface Modes
STRING
MOVE
DMA
BURST
DMA
ENABLE
FUNCTION
0
X
0
Programmed I/O, no IOCHRDY
1
X
0
Programmed I/O, uses IOCHRDY
X
0
1
Single Byte DMA Mode
X
1
1
Demand Mode DMA
FIFO Threshold Register (Address 2)
The
FIFO
Threshold
register
contains
the
programmable FIFO threshold count. The FIFO
threshold is programmable from 0 to 31. Bits 6
and 7 in the FIFO Threshold register are read-
only and will always return zero. FIFO Threshold
values
typically
reflect
the
overall
I/O
performance characteristics of the host; the lower
the value, the longer the interval between service
requests and the faster the host must be to
successfully service them. The same threshold
value can be used for both I/O read and I/O write
cases.
FIFO COUNT Register (Address 3)
The
FIFO
COUNT
register
represents
the
remaining number of data bytes in the 128-byte
SCE FIFO. When the FIFO COUNT is 0x00 the
FIFO is empty. When the FIFO is full the FIFO
COUNT
is
0x80.
The
FIFO
COUNT
is
independent of the data flow direction.
For
example, if the FIFO COUNT is 0x0A during
transmit there are ten bytes to send; if the FIFO
COUNT is 0x0A during receive there are ten
bytes to read.
Tx PW Limit, bit 6
The Tx PW Limit bit enables hardware designed
to restrict the IR transmit pulse width (see the
Transmit Pulse Width Limit section on page 67).
If Tx PW Limit = 0, The TRANSMIT PULSE
WIDTH LIMIT hardware is defeated and no
transmit pulse width restrictions are made. If Tx
PW Limit = 1, The TRANSMIT PULSE WIDTH
LIMIT hardware will prevent pulses larger than
100Fs with a 25% duty cycle from appearing at
the IRCC TX output ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com