Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 41 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 41 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 37Page - SMSC Corporation CIRCC Datasheet HTML 38Page - SMSC Corporation CIRCC Datasheet HTML 39Page - SMSC Corporation CIRCC Datasheet HTML 40Page - SMSC Corporation CIRCC Datasheet HTML 41Page - SMSC Corporation CIRCC Datasheet HTML 42Page - SMSC Corporation CIRCC Datasheet HTML 43Page - SMSC Corporation CIRCC Datasheet HTML 44Page - SMSC Corporation CIRCC Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
41
Bit 2
Setting this bit to a logic "1" clears all bytes in the
XMIT FIFO and resets its counter logic to 0. The
shift register is not cleared.
This bit is self-
clearing.
Bit 3
Writing to this bit has no effect on the operation of
the UART. The RXRDY and TXRDY pins are not
available on this chip.
Bit 4,5
Reserved
BIT 7
BIT 6
RCVR FIFO
TRIGGER LEVEL
0
0
1
0
1
4
1
0
8
1
1
14
Bit 6,7
These bits are used to set the trigger level for the
RCVR FIFO interrupt.
INTERRUPT IDENTIFICATION REGISTER
(IIR)
Address Offset = 2H, DLAB = X, READ
By accessing this register, the host CPU can
determine the highest priority interrupt and its
source. Four levels of priority interrupt exist. They
are in descending order of priority:
1.
Receiver Line Status (highest priority)
2.
Received Data Ready
3.
Transmitter Holding Register Empty
4.
MODEM Status (lowest priority)
Information indicating that a prioritized interrupt is
pending and the source of that interrupt is stored
in the Interrupt Identification Register (refer to
Table 27 - Interrupt Control Table).
When the
CPU accesses the IIR, the Serial Port freezes all
interrupts
and
indicates
the
highest
priority
pending interrupt to the CPU.
During this CPU
access, even if the Serial Port records new
interrupts, the current indication does not change
until access is completed. The contents of the IIR
are described below.
Bit 0
This bit can be used in either a hardwired
prioritized
or
polled
environment
to
indicate
whether an interrupt is pending. When bit 0 is a
logic "0", an interrupt is pending and the contents
of the IIR may be used as a pointer to the
appropriate internal service routine. When bit 0 is
logic "1", no interrupt is pending.
Bits 1 and 2
These two bits of the IIR are used to identify the
highest priority interrupt pending as indicated by
the Interrupt Control Table.
Bit 3
In non-FIFO mode, this bit is a logic "0". In FIFO
mode this bit is set along with bit 2 when a timeout
interrupt is pending.
Bits 4 and 5
These bits of the IIR are always logic "0".
Bits 6 and 7
These two bits are set when the FIFO CONTROL
Register bit 0 equals 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com