Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIRCC Datasheet(PDF) 5 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 5 Page - SMSC Corporation

  CIRCC Datasheet HTML 1Page - SMSC Corporation CIRCC Datasheet HTML 2Page - SMSC Corporation CIRCC Datasheet HTML 3Page - SMSC Corporation CIRCC Datasheet HTML 4Page - SMSC Corporation CIRCC Datasheet HTML 5Page - SMSC Corporation CIRCC Datasheet HTML 6Page - SMSC Corporation CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
INTERFACE DESCRIPTION
The Interface Description lists the signals that
are required to place the CIrCC in a larger chip-
level context.
There are four groups of signals in this section:
PORT signals, HOST BUS controls, SYSTEM
controls, and CHIP-LEVEL CONFIGURATION
controls.
Ports
The three Ports (IR, COM, and AUX) provide
external access for serial data and controls. The
active CIrCC encoder is routed through the
Output Multiplexer to the IR, COM, or AUX port.
Table 1 - IR Port Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
IRRx
1
Input
Infrared Receive Data
IRTx
1
Output
Infrared Transmit Data
Table 2 - COM Port Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
CRx
1
Input
COM Receive Data
CTx
1
Output
COM Transmit Data
nRTS
1
Output
Request to Send
nDTR
1
Output
Data Terminal Ready
nCTS
1
Input
Clear To Send
nDSR
1
Input
Data Set Ready
nDCD
1
Input
Data Carrier Detect
nRI
1
Input
Ring Indicator
Table 3 - AUX Port Signals
(e.g., can be used for high-current drivers for Consumer IR)
NAME
SIZE (BITS)
TYPE
DESCRIPTION
ARx
1
Input
Aux. Receive Data
ATx
1
Output
Aux. Transmit Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com