Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 26Page - Analog Devices LTM4680 Datasheet HTML 27Page - Analog Devices LTM4680 Datasheet HTML 28Page - Analog Devices LTM4680 Datasheet HTML 29Page - Analog Devices LTM4680 Datasheet HTML 30Page - Analog Devices LTM4680 Datasheet HTML 31Page - Analog Devices LTM4680 Datasheet HTML 32Page - Analog Devices LTM4680 Datasheet HTML 33Page - Analog Devices LTM4680 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTM4650-2
30
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
Figure 29. 4-Phase, 1.2V at 100A
46502 F29
LTM4650-2
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK
TRACK2
fSET
COUT2
470µF
6.3V
R5
60.4k
R2
5k
COUT1
100µF
6.3V
×2
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
VOUT2
VOUTS2
SW2
PGOOD2
PGOOD
MODE_PLLIN CLKOUT
CLK1
CLK1
INTVCC EXTVCC PGOOD1
PGOOD
SGND
GND
DIFFP
DIFFN
DIFFOUT
COUT2
470µF
6.3V
COUT1
100µF
6.3V
×2
R4
121k
R6
100k
CIN1
22µF
25V
×3
C10
4.7µF
+
+
LTM4650-2
VIN
COUT2
470µF
6.3V
COUT1
100µF
6.3V
×2
VIN
4.5V TO 15V
VOUT1
VOUTS1
SW1
VFB1
VFB2
VFB
VOUTS2
VOUT2
SW2
PGOOD2
PGOOD
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD
SGND
GND
DIFFP
DIFFN
DIFFOUT
COUT2
470µF
6.3V
COUT1
100µF
6.3V
×2
R9
100k
C19
0.22µF
CIN2
22µF
25V
×3
C16
4.7µF
+
+
INTVCC
TRACK
VFB
68pF
INTVCC
VOUT
1.2V,
100A
INTVCC
RUN
RUN
3.16k
3300pF
COMP1
COMP2
R10
121k
3.16k
3300pF
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
PHASMD
COMP1
COMP2
33pF
33pF
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com