Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 2 Page - Analog Devices

  LTM4680 Datasheet HTML 1Page - Analog Devices LTM4680 Datasheet HTML 2Page - Analog Devices LTM4680 Datasheet HTML 3Page - Analog Devices LTM4680 Datasheet HTML 4Page - Analog Devices LTM4680 Datasheet HTML 5Page - Analog Devices LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTM4650-2
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating junction temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at
5V unless otherwise noted. Per the typical application in Figure 24.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.5
15
V
VOUT
Output DC Voltage
l
0.6
1.8
V
VOUT1(DC),
VOUT2(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 22µF ×3, COUT = 100µF ×2 Ceramic,
470µF POSCAP, VIN = 12V, VOUT = 1.2V,
IOUT = 0A to 25A
l
1.182
1.218
V
Input Specifications
VRUN1, VRUN2
RUN Pin On/Off Threshold
RUN Rising
1.1
1.25
1.40
V
VRUN1HYS, VRUN2HYS RUN Pin On Hysteresis
150
mV
ORDER INFORMATION
VIN ..............................................................–0.3V to 16V
VSW1, VSW2....................................................–1V to 16V
PGOOD1, PGOOD2, RUN1, RUN2,
INTVCC, EXTVCC .......................................... –0.3V to 6V
MODE_PLLIN, fSET, TRACK1, TRACK2,
DIFFOUT, PHASMD ............................... –0.3V to INTVCC
VOUT1, VOUT2, VOUTS1, VOUTS2 (Note 6)........ –0.3V to 6V
DIFFP, DIFFN ......................................... –0.3V to INTVCC
INTVCC Peak Output Current................................100mA
Internal Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Temperature.......................... 245°C
BGA PACKAGE
144-PIN (16mm × 16mm × 5.01mm)
TJMAX = 125°C, θJA = 7°C/W, θJCbottom = 1.5°C/W,
θJCtop = 3.7°C/W, θJB + θJBA ≅ 7°C/W
θ VALUES DEFINED PER JESD 51-12
WEIGHT = 3.5g
TOP VIEW
TEMP
CLKOUT
SW1
PHASMD
EXTVCC
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SW2
PGOOD1
PGOOD2
RUN2
TRACK2
INTVCC
VOUTS2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_PLLIN
VFB1
VOUTS1
fSET
SGND
COMP1 COMP2
SGND
VFB2
VIN
VOUT2
GND
GND
VOUT1
SGND
GND
PART NUMBER
PAD OR BALL FINISH*
PART MARKING
PACKAGE TYPE
MSL
RATING
TEMPERATURE 
RANGE (Note 2)
DEVICE
FINISH CODE
LTM4650EY-2#PBF
SAC305 (RoHS)
LTM4650Y-2
e1
BGA
4
–40°C to 125°C
LTM4650IY-2#PBF
SAC305 (RoHS)
LTM4650Y-2
e1
BGA
4
–40°C to 125°C
LTM4650IY-2
SnPb (63/37)
LTM4650Y-2
e0
BGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature ranges.
*Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com