Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 28Page - Analog Devices LTM4680 Datasheet HTML 29Page - Analog Devices LTM4680 Datasheet HTML 30Page - Analog Devices LTM4680 Datasheet HTML 31Page - Analog Devices LTM4680 Datasheet HTML 32Page - Analog Devices LTM4680 Datasheet HTML 33Page - Analog Devices LTM4680 Datasheet HTML 34Page - Analog Devices LTM4680 Datasheet HTML 35Page - Analog Devices LTM4680 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTM4650-2
32
Rev. 0
For more information www.analog.com
Figure 32. Circuit with AVP, Typical 4.5VIN to 15VIN, 1VOUT (with AVP) and 1.5VOUT at 25A with 12.5A Load Step
Transient Response and 1VOUT (with AVP), 4.5VIN (78k RFB1) to 15VIN (84k RFB1)
Figure 33. Load Transient Waveform of Figure 32 Circuit with AVP, 12VIN, 1VOUT, 500kHz, 12.5A (50% of Full
Load, Slew Rate 12.5A/μs), COUT1 = 100μF ×3 Ceramic, COUT2 = 470μF ×2 POSCAP
TYPICAL APPLICATION
PGOOD2
R3
10k
INTVCC
46502 F32
LTM4650-2
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
RFB2
40.2k
R2
10k
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD1
INTVCC
SGND
GND
TRACK1
TRACK2
DIFFN
DIFFP DIFFOUT
RFB1
82.6k
VFB1
VOUT2
1.5V, 25A
COUT3
100µF
6.3V
×5
COUT4
470µF
6.3V
×2
R4
121k
R7
100k
C5
0.1µF
C9
0.1µF
C1
22µF
25V
×4
C10
4.7µF
VOUT1
1V, 25A
R19
560k
VFB1
+
CIN
330µF
25V
VIN
4.5V TO
15V
INTVCC
+
COUT1
100µF
6.3V
×3
+
R13
21k
C12
47pF
C13
3300pF
R18
5M
INTVCC
COUT2
470µF
6.3V
×2
100µs/DIV
VOUT (AC)
30mV/DIV
LOAD STEP
10A/DIV
46502 F33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com