Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices LTM4680 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTM4650-2
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Power Good
The PGOOD pins are open drain pins that can be used to
monitor valid output voltage regulation. This pin monitors
a 10% window around the regulation point. A resistor can
be pulled up to a particular supply voltage no greater than
6V maximum for monitoring.
Stability Compensation
An external RC filtering circuit is required to add from
COMP to SGND to achieve fast Type II control loop
compensation. Table 4 is provided for most application
requirements. The Analog Devices µModule power design
tool (LTpowerCAD) will be provided for other control
loop optimization.
Run Enable
The RUN pins have an enable threshold of 1.4V maximum,
typically 1.25V, with 150mV of hysteresis. They control the
turn on each of the channels and INTVCC. These pins can be
pulled up to VIN for 5V operation, or a 5V Zener diode can be
placed on the pins, and a 10k to 100k resistor can be placed
up to higher than 5V input to enable the channels. The
RUN pins can also be used for output voltage sequencing.
In parallel operation, the RUN pins can be tied together
and controlled from a single control. See the Typical
Applications circuits in Figure 24.
INTVCC and EXTVCC
The LTM4650-2 module has an internal 5V low dropout
regulator that is derived from the input voltage. This regu-
lator is used to power the control circuitry and the power
MOSFET drivers. This regulator can source up to 70mA,
and typically uses ~30mA for powering the device at the
maximum frequency. This internal 5V supply is enabled
by either RUN1 or RUN2.
EXTVCC allows an external 5V supply to power the
LTM4650-2 and reduces power dissipation from the inter-
nal low dropout 5V regulator. The power loss savings can
be calculated by:
(VIN – 5V) • 30mA = PLOSS
EXTVCC has a threshold of 4.7V for activation, and a maxi-
mum rating of 6V. When using a 5V input, connect this
5V input to EXTVCC also to maintain a 5V gate drive level.
EXTVCC must sequence on after VIN, and EXTVCC must
sequence off before VIN.
Differential Remote Sense Amplifier
An accurate differential remote sense amplifier is provided
to sense low output voltages accurately at the remote
load points. This is especially true for high current loads.
The amplifier can be used on one of the two channels, or
on a single parallel output. It is very important that the
DIFFP and DIFFN are connected properly at the output,
and DIFFOUT is connected to either VOUTS1 or VOUTS2.
In parallel operation, the DIFFP and DIFFN are connected
properly at the output, and DIFFOUT is connected to
one of the VOUTS pins. See the parallel schematics in
Figure 25 and see Figure 4.
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combination
is used called a snubber circuit. The resistor will dampen
the resonance, and the capacitor is chosen only to affect
the high-frequency ringing across the resistor. If the stray
inductance or capacitance can be measured or approxi-
mated, then a somewhat analytical technique can be used
to select the snubber values. The inductance is usually
easier to predict. It combines the power path board induc-
tance in combination with the MOSFET interconnect bond
wire inductance.
First, the SW pin can be monitored with a wide bandwidth
scope with a high-frequency scope probe. The ring fre-
quency can be measured by its value. The impedance Z
can be calculated:
ZL = 2πfL,
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by: ZC = 1/(2πfC). These values are a good
place to start with. Modifications to these components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com