Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 10Page - Analog Devices LTM4680 Datasheet HTML 11Page - Analog Devices LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTM4650-2
14
Rev. 0
For more information www.analog.com
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output
capacitors. The RMS input ripple current is reduced by,
and the effective ripple frequency is multiplied by the
number of phases used (assuming that the input volt-
age is greater than the number of phases used times
the output voltage). The output ripple amplitude is also
reduced by the number of phases used when all of the
outputs are tied together to achieve a single high-output
current design.
In multi LTM4650-2s parallel applications, CTH and RTH
values in Table 4 are still valid to achieve a ±3% tran-
sient response in a 25% load step. Connect one set of RC
(RTH and CTH) networks to the COMP pin of each paral-
leling module. Then, connect the COMP pins, FB pins,
TRACK/SS pin and VOUT pins from different modules
together. See Figure 29 for an example of parallel opera-
tion. LTpowerCAD power design tool can also be used to
optimize loop compensation and transient performance if
only one set of RC (RTH and CTH) network is to be added
to the common COMP pins.
The LTM4650-2 device is an inherently current mode-
controlled device so that the parallel modules will have
very good current sharing. This will balance the thermals
on the design. Figure 29 shows an example of parallel
operation and pin connection.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of mul-
tiphase operation. The input RMS ripple current cancella-
tion mathematical derivations are presented, and a graph
is displayed representing the RMS ripple current reduction
as a function of the number of interleaved phases. Figure 6
shows this graph.
APPLICATIONS INFORMATION
Frequency Selection and Phase-Lock Loop
(MODE_PLLIN and fSET Pins)
The LTM4650-2 device is operated over a range of fre-
quencies to improve power conversion efficiency. It is
recommended to operate the module at 400kHz for output
voltage below 1.0V, 500kHz for output voltage between
1.0V to 1.5V and 600kHz for output voltage above 1.5V
for the best efficiency and inductor current ripple.
The LTM4650-2 switching frequency can be set with an
external resistor from the fSET pin to SGND. An accurate
10µA current source into the resistor will set a voltage
that programs the frequency, or a DC voltage can be
applied. Figure 7 shows a graph of frequency setting
versus programming voltage. An external clock can be
applied to the MODE_PLLIN pin from 0V to INTVCC over
a frequency range of 400kHz to 750kHz. The clock input
high threshold is 1.6V, and the clock input low threshold
is 1V. The LTM4650-2 has the PLL loop filter components
on board. The frequency setting resistor should always
be present to set the initial switching frequency before
locking to an external clock. Both regulators will operate
in continuous mode while being externally clock.
The output of the PLL phase detector has a pair of com-
plementary current sources that charge and discharge the
internal filter network. When the external clock is applied,
the fSET frequency resistor is disconnected with an inter-
nal switch, and the current sources control the frequency
adjustment to lock to the incoming external clock. When
no external clock is applied, the internal switch is on,
thus connecting the external fSET frequency set resistor
for free-run operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com