Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices LTM4680 Datasheet HTML 22Page - Analog Devices LTM4680 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTM4650-2
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
where VD appears to increase with temperature. It is com-
mon knowledge that a silicon diode biased with a current
source has an approximate –2mV/°C temperature rela-
tionship (Figure 10), which is at odds with the equation.
In fact, the IS term increases with temperature, reducing
the ln(ID/IS) absolute value and yielding an approximate
–2mV/°C composite diode voltage slope.
should be made to attenuate the ringing with the least
amount of power loss.
Temperature Monitoring
Measuring the absolute temperature of a diode is possible
due to the relationship between current, voltage and tem-
perature described by the classic diode equation:
ID =IS •e
VD
η • VT
or
VD = η • VT •In
ID
IS
where ID is the diode current, VD is the diode voltage, η
is the ideality factor (typically close to 1.0) and IS (satura-
tion current) is a process-dependent parameter. VT can be
broken out into:
VT =
k • T
q
where T is the diode junction temperature in Kelvin, q is
the electron charge, and k is Boltzmann’s constant. VT
is approximately 26mV at room temperature (298K) and
scales linearly with Kelvin temperature. It is this linear
temperature relationship that makes diodes suitable tem-
perature sensors. The IS term in the previous equation is
the extrapolated current through a diode junction when
the diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature,
and by definition must always be less than ID. Combining
all of the constants into one term:
KD =
η • k
q
where KD = 8.62 • 10−5, and knowing ln(ID/IS) is always
positive because ID is always greater than IS, leaves us
with the equation that:
VD = T KELVIN
(
) •KD •In
ID
IS
Figure 10. Diode Voltage VD vs Temperature T (°C)
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
46502 F10
125
To obtain a linear voltage proportional to temperature,
we cancel the IS variable in the natural logarithm term
to remove the IS dependency from the equation. This is
accomplished by measuring the diode voltage at two cur-
rents I1, and I2, where I1 = 10 • I2) and subtracting, we get:
∆VD = T(KELVIN)•KD •IN
I1
IS
– T(KELVIN)•KD •IN
I2
IS
Combining like terms, then simplifying the natural log
terms yields:
ΔVD = T(KELVIN) • KD • lN(10)
and redefining constant
K'D =KD •IN(10) =
198µV
K
yields
ΔVD = K'D • T(KELVIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com