Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 4 Page - Analog Devices

  LTM4680 Datasheet HTML 1Page - Analog Devices LTM4680 Datasheet HTML 2Page - Analog Devices LTM4680 Datasheet HTML 3Page - Analog Devices LTM4680 Datasheet HTML 4Page - Analog Devices LTM4680 Datasheet HTML 5Page - Analog Devices LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTM4650-2
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4650-2 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4650-2E is guaranteed to meet specifications from
0°C to 125°C internal temperature. Specifications over the –40°C to
125°C internal operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTM4650-2I is guaranteed over the full –40°C to 125°C internal
operating temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: Two outputs are tested separately, and the same testing condition
is applied to each output.
Note 4: The LTM4650-2 device is designed to operate from 400kHz to
750kHz.
Note 5: These parameters are tested at wafer sort.
Note 6: See Thermal Considerations and Output Current Derating for
different VIN, VOUT and TA.
Note 7: These typical parameters are based on bench measurements.
Note 8: Guaranteed by design.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±5
µA
VPGOOD
PGOOD Trip Level
VFB with Respect to Set Output Voltage
VFB Ramping Negative
VFB Ramping Positive
–10
10
%
%
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 15V
4.8
5
5.2
V
VINTVCC
Load Regulation
INTVCC Load Regulation
ICC = 0mA to 50mA
0.75
2
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
V
VEXTVCC(DROP)
EXTVCC Dropout
ICC = 20mA, VEXTVCC = 5V
50
100
mV
VEXTVCC(HYST)
EXTVCC Hysteresis
220
mV
Oscillator and Phase-Locked Loop
Frequency Nominal
Nominal Frequency
fSET = 1.2V
450
500
550
kHz
Frequency Low
Lowest Frequency
fSET = 0.93V
400
kHz
Frequency High
Highest Frequency
fSET > 2.4V, Up to INTVCC
750
kHz
fSET
Frequency Set Current
9
10
11
µA
RMODE_PLLIN
MODE_PLLIN Input Resistance
250
CLKOUT
Phase (Relative to VOUT1)
PHASMD = GND
PHASMD = Float
PHASMD = INTVCC
60
90
120
Deg
Deg
Deg
CLK High
CLK Low
Clock High Output Voltage
Clock Low Output Voltage
2
0.4
V
V
Differential Amplifier
AV Differential
Amplifier
Gain
1
V/V
RIN
Input Resistance
Measured at DIFFP Input
80
kΩ
VOS
Input Offset Voltage
VDIFFP = VDIFFOUT = 1.5V, IDIFFOUT = 100µA
3
mV
PSRR Differential
Amplifier
Power Supply Rejection Ratio
5V < VIN < 15V
90
dB
ICL
Maximum Output Current
2
mA
VOUT(MAX)
Maximum Output Voltage
IDIFFOUT = 300µA
INTVCC – 1.4
V
GBW (Note 8)
Gain Bandwidth Product
3
MHz
VTEMP
Diode Connected PNP
I = 100µA
0.6
V
TC
Temperature Coefficient
l
–2.2
mV/°C
The l denotes the specifications which apply over the specified internal
operating junction temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at
5V unless otherwise noted. Per the typical application in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com