Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 25Page - Analog Devices LTM4680 Datasheet HTML 26Page - Analog Devices LTM4680 Datasheet HTML 27Page - Analog Devices LTM4680 Datasheet HTML 28Page - Analog Devices LTM4680 Datasheet HTML 29Page - Analog Devices LTM4680 Datasheet HTML 30Page - Analog Devices LTM4680 Datasheet HTML 31Page - Analog Devices LTM4680 Datasheet HTML 32Page - Analog Devices LTM4680 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTM4650-2
29
Rev. 0
For more information www.analog.com
Figure 26. 25%, 12.5A Load Step Transient
Waveform of Figure 25 Circuit
Figure 27. Bode Plot of Figure 25 Circuit
50µs/DIV
VOUT(AC)
20mV/DIV
LOAD STEP
10A/DIV
46502 F26
54mV
TYPICAL APPLICATIONS
Figure 28. 1.2V and 1V Output Tracking
46502 F28
LTM4650-2
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
COUT2
470µF
6.3V
R8
90.9k
R2
10k
COUT1
100µF
6.3V
×2
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD1
INTVCC
INTVCC
SGND
GND
VOUT1
1.2V
DIFFP
DIFFN
DIFFOUT
R5
60.4k
PGOOD2
VOUT2
1V AT 25A
COUT2
470µF
6.3V
COUT1
100µF
6.3V
×2
R9
60.4k
R6
100k
C5
0.1µF
R7
90.9k
CIN
22µF
25V
×4
C10
4.7µF
+
+
R3
10k
VOUT1
1.2V,
25A
VIN
4.5V TO 15V
INTVCC
R4
121k
6.34k
1500pF
6.34k
1500pF
46502 F27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com