Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 9Page - Analog Devices LTM4680 Datasheet HTML 10Page - Analog Devices LTM4680 Datasheet HTML 11Page - Analog Devices LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTM4650-2
13
Rev. 0
For more information www.analog.com
Figure 5. Examples of 2-Phase, 4-Phase, and 6-Phase Operation with PHASMD Table
46502 F05
VOUT2
180-PHASE
0-PHASE
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
2-PHASE DESIGN
4-PHASE DESIGN
6-PHASE DESIGN
90-DEGREE
FLOAT
VOUT2
180-PHASE
0-PHASE
FLOAT
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
VOUT2
270-PHASE
90-PHASE
FLOAT
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
60-DEGREE
60-DEGREE
VOUT2
180-PHASE
0-PHASE
SGND
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
VOUT2
240-PHASE
60-PHASE
SGND
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
VOUT2
300-PHASE
120-PHASE
FLOAT
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
PHASMD SGND
CONTROLLER1
CONTROLLER2
CLKOUT
FLOAT
INTVCC
0
0
0
180
180
240
60
90
120
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the low-
est output ripple is desired, forced continuous operation
should be used. Forced continuous operation can be
enabled by tying the MODE_PLLIN pin to GND. In this
mode, the inductor current is allowed to reverse during
low output loads, the COMP voltage is in control of the
current comparator threshold throughout, and the top
MOSFET always turns on with each oscillator pulse.
During start-up, the forced continuous mode is disabled,
and the inductor current is prevented from reversing until
the LTM4650-2’s output voltage is in regulation. Either
regulator can be configured for forced continuous mode.
Multiphase Operation
For output loads that demand more than 25A of current,
two outputs in LTM4650-2 or even multiple LTM4650-2s
can be paralleled to run out of phase to provide more
output current without increasing input and out-
put voltage ripples. The MODE_PLLIN pin allows the
LTM4650-2 to synchronize to an external clock (between
400kHz and 750kHz), and the internal phase-locked-
loop allows the LTM4650-2 to lock onto the incoming
clock phase as well. The CLKOUT signal can be con-
nected to the MODE_PLLIN pin of the following stage
to line up both the frequency and the phase of the entire
system. Tying the PHASMD pin to INTVCC, SGND, or
floating generates a phase difference (between
MODE_PLLIN and CLKOUT) of 120 degrees, 60 degrees,
or 90 degrees respectively. A total of 12 phases can be
cascaded to run simultaneously with respect to each other
by programming the PHASMD pin of each LTM4650-2
channel to different levels. Figure 5 shows a 2-phase
design, a 4-phase design and a 6-phase design example
for clock phasing with the PHASMD table.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com