Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4680 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4680
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 3Page - Analog Devices LTM4680 Datasheet HTML 4Page - Analog Devices LTM4680 Datasheet HTML 5Page - Analog Devices LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices LTM4680 Datasheet HTML 10Page - Analog Devices LTM4680 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTM4650-2
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
to ground will set a soft-start ramp rate. The remaining
channel can be set up as the subordinate and have the
main’s output applied through a voltage divider to the
subordinate output’s track pin. This voltage divider equals
the subordinate output’s feedback divider for coincidental
tracking. See the Applications Information section.
COMP1, COMP2 (E6, E7): Current control threshold and
error amplifier compensation point for each channel. The
current comparator threshold increases with this control
voltage. An external RC filter circuit is required for con-
trol loop compensation. See the Applications Information
section. Connect the COMP pins together for parallel
operation. Do not drive this pin.
DIFFP (E8): Positive input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output voltage. See the Applications Information section.
DIFFN (E9): Negative input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output GND. See the Applications Information section.
MODE_PLLIN (F4): Forced Continuous Mode, Burst
Mode Operation, or Pulse-Skipping Mode Selection Pin
and External Synchronization Input to Phase Detector
Pin. Connect this pin to SGND to force both channels
into the forced continuous mode of operation. Connect to
INTVCC to enable the pulse-skipping mode of operation.
Leaving the pin floating will enable Burst Mode operation.
A clock on the pin will force both channels into continuous
mode of operation and synchronized to the external clock
applied to this pin.
RUN1, RUN2 (F5, F9): Run Control Pin. A voltage above
1.25V will turn on each channel in the module. A volt-
age below 1.25V on the RUN pin will turn off the related
channel. Each RUN pin has a 1µA pull-up current; once
the RUN pin reaches 1.2V, an additional 4.5µA pull-up
current is added to this pin.
DIFFOUT (F8): Internal Remote Sense Amplifier Output.
Connect this pin to VOUTS1 or VOUTS2 depending, on which
output is using remote sense. In parallel operation, con-
nect one of the VOUTS pin to DIFFOUT for remote sensing.
SW1, SW2 (G2, G11): Switching node of each channel
that is used for testing purposes. Also, an R-C snubber
network can be applied to reduce or eliminate switch node
ringing or otherwise leave floating. See the Applications
Information section.
PHASMD (G4): Connect this pin to SGND, INTVCC, or
floating this pin to select the phase of CLKOUT to 60
degrees, 120 degrees, and 90 degrees respectively.
CLKOUT (G5): Clock output with phase control using the
PHASMD pin to enable multiphase operation between
devices. See the Applications Information section.
PGOOD1, PGOOD2 (G9, G8): Output Voltage Power Good
Indicator. Open drain logic output that is pulled to ground
when the output voltage is not within ±10% of the regula-
tion point.
INTVCC (H8): Internal 5V Regulator Output. The control
circuits and internal gate drivers are powered from this
voltage. Decouple this pin to PGND with a 4.7µF low ESR
tantalum or ceramic. INTVCC is activated when either
RUN1 or RUN2 is activated.
TEMP (J6): Temperature Monitor. An internal diode con-
nected the NPN transistor between this pin and SGND
with a 10nF filtering capacitor. See the Applications
Information section.
EXTVCC (J7): External power input that is enabled through
a switch to INTVCC whenever EXTVCC is greater than 4.7V.
Do not exceed 6V on this input, and connect this pin to
VIN when operating VIN on 5V. An efficiency increase will
occur, which is a function of the (VIN – INTVCC) multiplied
by the power MOSFET driver current. The typical current
requirement is 30mA. VIN must be applied before EXTVCC,
and EXTVCC must be removed before VIN.
VIN (M2–M11, L2–L11, J2–J4, J9–J11, K2–K4, K9–K11):
Power Input Pins. Apply input voltage between these pins
and GND pins. Recommend placing input decoupling
capacitance directly between VIN pins and GND pins.
(Recommended to use test points to monitor signal pin connections.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com