Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 13Page - Texas Instruments ADC3683 Datasheet HTML 14Page - Texas Instruments ADC3683 Datasheet HTML 15Page - Texas Instruments ADC3683 Datasheet HTML 16Page - Texas Instruments ADC3683 Datasheet HTML 17Page - Texas Instruments ADC3683 Datasheet HTML 18Page - Texas Instruments ADC3683 Datasheet HTML 19Page - Texas Instruments ADC3683 Datasheet HTML 20Page - Texas Instruments ADC3683 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
7.3.1.1 Analog Front End Design
The ADC3683-SP is an unbuffered ADC, so a passive kick-back filter is recommended to absorb the glitch from
the sampling operation. If the input is driven by a balun or a differential amplifier with low output impedance, a
termination network may be needed. Additionally, a passive DC bias circuit is needed in AC-coupled applications
which can be combined with the termination network.
For more details and information on analog front end design, see Unraveling the practical mysteries behind RF
converter front ends.
7.3.1.1.1 Sampling Glitch Filter Design
The front end sampling glitch filter is designed to optimize the SNR and HD3 performance of the ADC. The
filter performance is dependent on input frequency: therefore, the following filter designs are recommended for
different input frequency ranges as shown in Figure 7-2 and Figure 7-3 (assuming a 50Ω source impedance).
100 pF
33
10
33
10
180nH
180nH
Termination
Figure 7-2. Sampling Glitch Filter Example for Input Frequencies From DC to 30MHz
Termination
82 pF
33
10
10
120nH
100pF
33
120nH
100pF
Figure 7-3. Sampling Glitch Filter Example for Input Frequencies From 30 to 70MHz
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com