Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 3 Page - Texas Instruments

  ADC3683 Datasheet HTML 1Page - Texas Instruments ADC3683 Datasheet HTML 2Page - Texas Instruments ADC3683 Datasheet HTML 3Page - Texas Instruments ADC3683 Datasheet HTML 4Page - Texas Instruments ADC3683 Datasheet HTML 5Page - Texas Instruments ADC3683 Datasheet HTML 6Page - Texas Instruments ADC3683 Datasheet HTML 7Page - Texas Instruments ADC3683 Datasheet HTML 8Page - Texas Instruments ADC3683 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
4 Pin Configuration and Functions
1
NC
48
NC
2
NC
47
NC
3
PDN/SYNC
46
NC
4
VREF
45
NC
5
REFGND
44
IOVDD
6
REFBUF
43
FCLKM
7
AVDD
42
FCLKP
8
CLKP
41
NC
9
CLKM
40
IOGND
10
NC
39
DCLKINP
11
VCM
38
DCLKINM
12
RESET
37
DCLKP
13
SDIO
36
DCLKM
14
NC
35
IOVDD
15
NC
34
NC
16
NC
33
NC
Not to scale
Thermal
Pad
Figure 4-1. HBP Package, 64-Pin CFP
(Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
INPUT/REFERENCE
AINP
21
I
Positive analog input, channel A
AINM
22
I
Negative analog input, channel A
BINP
60
I
Positive analog input, channel B
BINM
59
I
Negative analog input, channel B
REFBUF
6
I
1.2V external voltage reference input for use with internal reference buffer. Internal 100kΩ
pull-up resistor to AVDD. This pin is also used to configure default operating conditions.
REFGND
5
I
Reference ground input
VCM
11
O
Common-mode voltage output for the analog inputs, 0.95V
VREF
4
I
External voltage reference input, 1.6V
CLOCK
CLKP
8
I
Positive differential sampling clock input for the ADC
CLKM
9
I
Negative differential sampling clock input for the ADC
CONFIGURATION
NC
1, 2, 10, 14, 15, 16, 17,
18, 19, 30, 31, 32, 33,
34, 41, 45, 46, 47, 48,
49, 50, 51, 62, 63, 64
-
Unbonded pins. Connect to ground or leave floating.(1)
PDN/SYNC
3
I
Power down/Synchronization input. This pin can be configured via the SPI interface. Active
high. This pin has an internal 21kΩ pull-down resistor.
RESET
12
I
Hardware reset. Active high. This pin has an internal 21kΩ pull-down resistor.
SEN
25
I
Serial interface enable. Active low. This pin has an internal 21kΩ pull-up resistor to AVDD.
SCLK
56
I
Serial interface clock input. This pin has an internal 21kΩ pull-down resistor.
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com