Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 41Page - Texas Instruments ADC3683 Datasheet HTML 42Page - Texas Instruments ADC3683 Datasheet HTML 43Page - Texas Instruments ADC3683 Datasheet HTML 44Page - Texas Instruments ADC3683 Datasheet HTML 45Page - Texas Instruments ADC3683 Datasheet HTML 46Page - Texas Instruments ADC3683 Datasheet HTML 47Page - Texas Instruments ADC3683 Datasheet HTML 48Page - Texas Instruments ADC3683 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Table 8-1. Design Key Care-Abouts
FEATURE
DESCRIPTION
Signal Bandwidth
DC to 20MHz
Input Driver
Single ended to differential signal conversion and DC coupling
Clock Source
External clock with low jitter
When designing the amplifier or filter driving circuit, the ADC input full-scale voltage needs to be taken into
consideration. For example, the ADC3683-SP input full-scale is 3.2VPP. When factoring in approximately 1dB
for insertion loss of the filter, then the amplifier needs to deliver close to 3.6VPP. The amplifier distortion
performance degrades with a larger output swing and considering the ADC common mode input voltage the
amplifier may not be able to deliver the full swing. The device provides an output common mode voltage of
0.95V and the THS4541 for example can only swing within 250 mV of the negative supply. A unipolar 3.3V
amplifier power supply limits the maximum voltage swing to approximately 2.8VPP. Thus, if a larger output swing
is required (factoring in filter insertion loss) then a negative supply for the amplifier is needed to eliminate that
limitation. Additionally, input voltage protection diodes can be used to protect the ADC from over-voltage events.
Table 8-2. Output Voltage Swing of THS4541 vs Power Supply
DEVICE
MIN OUTPUT VOLTAGE
MAX SWING WITH 3.3V/ 0V SUPPLY
MAX SWING WITH 3.3V/ -1V SUPPLY
THS4541
VS- + 250mV
2.8VPP
6.8VPP
8.2.2 Detailed Design Procedure
8.2.2.1 Input Signal Path
Depending on desired input signal frequency range, the THS4551 and THS4541 provide a good low power
options to drive the ADC inputs. Table 8-3 provides a comparison between the THS4551 and THS4541 and the
power consumption vs usable frequency trade off.
Table 8-3. Fully Differential Amplifier Options
DEVICE
CURRENT (IQ) PER CHANNEL
USABLE FREQUENCY RANGE
THS4561
0.8mA
< 3MHz
THS4551
1.4mA
< 10MHz
THS4541
10mA
< 70MHz
The low pass filter design (topology, filter order) is driven by the application. However, when designing the low
pass filter, the optimum load impedance for the amplifier should also be taken into consideration. Between the
low pass filter and the ADC input, the sampling glitch filter needs to be added as shown in Section 7.3.1.1.1. In
this example, the DC - 30MHz glitch filter is selected.
8.2.2.2 Sampling Clock
Applications operating with low input frequencies (such as DC to 20MHz) typically are less sensitive to
performance degradation due to clock jitter. The internal ADC aperture jitter improves with faster rise and fall
times (that is, square wave vs sine wave). Table 8-4 provides an overview of the estimated SNR performance of
the device based on different amounts of jitter of the external clock source. The SNR is estimated based on the
device thermal noise of 84.2dBFS and input signal at -1dBFS.
Termination of the clock input should be considered for long clock traces.
Table 8-4. ADC SNR Performance Across vs Input Frequency for Different Amounts of External Clock
Jitter
INPUT FREQUENCY
TJ,EXT = 100fs
TJ,EXT = 250fs
TJ,EXT = 500fs
TJ,EXT = 1ps
5MHz
84.2
84.1
83.9
83.4
10MHz
84.0
83.9
83.3
81.5
20MHz
83.6
83.0
81.3
77.8
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com