Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 56Page - Texas Instruments ADC3683 Datasheet HTML 57Page - Texas Instruments ADC3683 Datasheet HTML 58Page - Texas Instruments ADC3683 Datasheet HTML 59Page - Texas Instruments ADC3683 Datasheet HTML 60Page - Texas Instruments ADC3683 Datasheet HTML 61Page - Texas Instruments ADC3683 Datasheet HTML 62Page - Texas Instruments ADC3683 Datasheet HTML 63Page - Texas Instruments ADC3683 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Figure 9-13. Register 0x1E
7
6
5
4
3
2
1
0
0
0
0
0
LVDS DATA DEL
LVDS DCLK DEL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-16. Register 0x1E Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
R/W
0
Must write 0
3-2
LVDS DATA DEL
R/W
00
These bits adjust the output timing of the SLVDS output data.
00: no delay
01: Data advanced by 50ps
10: Data delayed by 50ps
11: Data delayed by 100ps
1-0
LVDS DCLK DEL
R/W
00
These bits adjust the output timing of the SLVDS DCLK output.
00: no delay
01: DCLK advanced by 50ps
10: DCLK delayed by 50ps
11: DCLK delayed by 100ps
Figure 9-14. Register 0x20/21/22
7
6
5
4
3
2
1
0
FCLK PAT [7:0]
FCLK PAT [15:8]
0
0
0
0
FCLK PAT [19:16]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-17. Register 0x20/21/22 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
FCLK PAT [19:0]
R/W
0xFFC00
These bits can adjust the duty cycle of the FCLK. In decimation
bypass mode the FCLK pattern gets adjusted automatically for
the different output resolutions. Table 9-18 shows the proper
FCLK pattern values for 1-wire and 1/2-wire in real/complex
decimation.
Table 9-18. FCLK Pattern for different resolution based on interface
DECIMATION
OUTPUT RESOLUTION
2-WIRE
1-WIRE
1/2-WIRE
REAL DECIMATION
14-bit
Use Default
0xFE000
Use Default
16-bit
0xFF000
18-bit
0xFF800
20-bit
0xFFC00
COMPLEX
DECIMATION
14-bit
0xFFFFF
0xFFFFF
16-bit
18-bit
20-bit
ADC3683-SP
SBASAB5 – MARCH 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com