Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 30Page - Texas Instruments ADC3683 Datasheet HTML 31Page - Texas Instruments ADC3683 Datasheet HTML 32Page - Texas Instruments ADC3683 Datasheet HTML 33Page - Texas Instruments ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments ADC3683 Datasheet HTML 37Page - Texas Instruments ADC3683 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
7.3.5.2 Output Scrambler
The device includes an optional output scrambler feature. Scrambling is performed on each serial output lane
independently. When enabled, the serial output bit stream is scrambled where each output bit is XOR-ed with
2 previous bits (k-14 and k-15) as shown in Figure 7-38. For descrambling, note that the output bit mapper is
located after the scrambler.
On the external receiver, the incoming serial data stream can be descrambled by XOR-ing each incoming bit
with 2 previous bits (k-14 and k-15).
Lane 0
Lane 1
Digital
Scrambler
Scrambler
Bit Mapper
Bit Mapper
Figure 7-37. Output scrambling per lane
Scrambling is enabled by disabling digital bypass (register 0x24, D2) and enabling scrambling (register 0x22,
D6).
XOR
Serial bit stream
x[k]
z
-1
y[k-1]
z
-1
y[k-2]
z
-1
...
y[k-15]
z
-1
y[k-14]
z
-1
Serial output bit stream
y[k]
XOR
z
-1
y[k-1]
z
-1
y[k-2]
z
-1
...
z
-1
y[k-14]
z
-1
y[k-15]
Serial bit stream
x[k]
Scrambler
De-Scrambler
Figure 7-38. Output scrambler and descrambler operation
ADC3683-SP
SBASAB5 – MARCH 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com