Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 29Page - Texas Instruments ADC3683 Datasheet HTML 30Page - Texas Instruments ADC3683 Datasheet HTML 31Page - Texas Instruments ADC3683 Datasheet HTML 32Page - Texas Instruments ADC3683 Datasheet HTML 33Page - Texas Instruments ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments ADC3683 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
7.3.5 Digital Interface
The serial LVDS interface supports the data output with 2-wire, 1-wire and 1/2-wire operation. The actual data
output rate depends on the output resolution and number of lanes used.
The ADC3683-SP requires an external serial LVDS clock input (DCLKIN), which is used to transmit the data
out of the ADC along with the data clock (DCLK). The phase relationship between DCLKIN and the sampling
clock must meet requirements in the timing diagrams in Section 6. The SLVDS interface is configured using SPI
register writes.
7.3.5.1 Output Formatter
The digital output interface uses a flexible output bit mapper (Figure 7-36). The bit mapper takes the 18-bit
output directly from the ADC or from the digital decimation filter block and reformats it to a resolution of
14,16,18 or 20-bit. The output serialization factor is adjusted accordingly for 2-, 1- and 1/2-wire interface modes.
The maximum SLVDS interface output data rate can not be exceeded independent of output resolution or
serialization factor.
For 14 and 16-bit output resolution, the LSBs are truncated during the reformatting. With 20-bit output, in bypass
mode two 0s are added in place of the two LSBs while in decimation mode. The digital averaging mode with the
full 20-bit output is used.
N
NCO
TEST
PATTERN
Output
Formatter
14/16/18/
20-bit
DIG
I/F
Output
Bit Mapper
Output
Scrambler
Figure 7-36. Interface Output Bit Mapper
Table 7-6 provides an overview for the resulting serialization factor depending on output resolution and output
modes. Note that the DCLKIN frequency needs to be adjusted accordingly as well. Changing the output
resolution to 16-bit, 2-wire mode for example results in DCLKIN = FS * 4 instead of * 4.5.
The programming sequence for changing the output interface and/or resolution from default settings is shown in
Section 7.3.5.4.
Table 7-6. Serialization Factor vs Output Resolution for Different Output Modes
OUTPUT
RESOLUTION
Interface
SERIALIZATION
FCLK
DCLKIN
DCLK
D0/D1
14-bit
2-Wire
7x
FS/2
FS* 3.5
FS* 3.5
FS* 7
1-Wire
14x
FS
FS* 7
FS* 7
FS* 14
1/2-Wire
28x
FS
FS* 14
FS* 14
FS* 28
16-bit
2-Wire
8x
FS/2
FS* 4
FS* 4
FS* 8
1-Wire
16x
FS
FS* 8
FS* 8
FS* 16
1/2-Wire
32x
FS
FS* 16
FS* 16
FS* 32
18-bit (default)
2-Wire
9x
FS/2
FS* 4.5
FS* 4.5
FS* 9
1-Wire
18x
FS
FS* 9
FS* 9
FS* 18
1/2-Wire
36x
FS
FS* 18
FS* 18
FS* 36
20-bit
2-Wire
10x
FS/2
FS* 5
FS* 5
FS* 10
1-Wire
20x
FS
FS* 10
FS* 10
FS* 20
1/2-Wire
40x
FS
FS* 20
FS* 20
FS* 40
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com