Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 15Page - Texas Instruments ADC3683 Datasheet HTML 16Page - Texas Instruments ADC3683 Datasheet HTML 17Page - Texas Instruments ADC3683 Datasheet HTML 18Page - Texas Instruments ADC3683 Datasheet HTML 19Page - Texas Instruments ADC3683 Datasheet HTML 20Page - Texas Instruments ADC3683 Datasheet HTML 21Page - Texas Instruments ADC3683 Datasheet HTML 22Page - Texas Instruments ADC3683 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
7.3.1.2 Auto-Zero Feature
The ADC3683-SP includes an internal auto-zero front end amplifier circuit which improves the 1/f flicker
noise(noise near DC).
Frequency (MHz)
0
2.5
5
7.5
10
12.5
-160
-140
-120
-100
-80
-60
-40
-20
0
adc3
Auto-zero DIS
Auto-zero EN
Figure 7-6. FFT at 25MSPS with Input Frequency
of 3MHz (Auto-Zero Feature Enable vs Disable, 4M
Point FFT)
Frequency (kHz)
0.01
0.1
1
10
100
1000
-160
-150
-140
-130
-120
-110
-100
-90
-80
adc3
Auto-zero DIS
Auto-zero EN
Figure 7-7. FFT at 2 MSPS with Input Frequency
of 3MHz (Auto-Zero Feature Enable vs Disable, 4M
Point FFT) zoomed in near DC
Figure 7-8. FFT at 65MSPS with Input Frequency
of 5MHz (Auto-Zero Feature Enable vs Disable, 4M
Point FFT)
Figure 7-9. FFT at 65MSPS with Input Frequency
of 5MHz (Auto-Zero Feature Enable vs Disable, 4M
Point FFT) zoomed in near DC
Note
Auto-Zero enabled (plots on the left) does not affect AC performance as graph above shows. Auto-
Zero enabled is comparable and slightly better than when Auto-Zero is disabled. Auto-Zero enabled
(plots on the right) improves the 1/f flicker noise (noise near DC) compared to when Auto-Zero is
disabled.
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com